Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212029101E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL212029101E3
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212029101E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL212029101E3 Datasheet HTML 1Page - Vishay Siliconix MAL212029101E3 Datasheet HTML 2Page - Vishay Siliconix MAL212029101E3 Datasheet HTML 3Page - Vishay Siliconix MAL212029101E3 Datasheet HTML 4Page - Vishay Siliconix MAL212029101E3 Datasheet HTML 5Page - Vishay Siliconix MAL212029101E3 Datasheet HTML 6Page - Vishay Siliconix MAL212029101E3 Datasheet HTML 7Page - Vishay Siliconix MAL212029101E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28336
248
Revision: 21-Apr-08
120 ATC
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, High Ripple Current
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.012 CR xUR +40 µA
After 5 minutes at UR
IL5 ≤ 0.004 CR xUR +40 µA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L mm:
10 x 30
typ. 38 nH
12.5 x 30
typ. 46 nH
15 x 30
typ. 48 nH
typ. 39 nH
18 x 30
typ. 50 nH
typ. 39 nH
18 x 38
typ. 54 nH
typ. 39 nH
21 x 38
typ. 59 nH
typ. 39 nH
CAPACITANCE (C)
EQUIVALENT SERIES RESISTANCE (ESR)
Fig.5 Typical multiplier of capacitance as a function
of ambient temperature
0.8
0.9
1.0
1.1
1.2
C
C0
All voltages; all case sizes
C
0 = capacitance at 20 °C, 100 Hz
- 40
- 20
0
- 20
- 40
- 60
- 80 - 100 - 120 - 140 - 160
T
amb (°C)
Fig.6 Typical multiplier of ESR as a function of ambient
temperature at different frequencies
≤ 40 V types
ESR
0 = typical at 20 °C
- 40
- 20
0
- 20
- 40
- 60
- 80 - 100
- 120
- 140
- 160
T
amb (°C)
1
10
ESR
ESR
0
10
-1
3
4
2
1
Curve 1: All case sizes; 100 Hz
Curve 2: Case Ø D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz
Curve 3: Case Ø D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz
Curve 4: Case Ø D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz
Fig.7 Typical multiplier of ESR as a function of ambient
temperature at different frequencies
63 V types
ESR
0 = typical at 20 °C
- 40
- 20
0
- 20
- 40
- 60
- 80 - 100
- 120
- 140
- 160
T
amb (°C)
1
10
3
4
2
1
ESR
ESR
0
10
-1
Curve 1: All case sizes; 100 Hz
Curve 2: Case Ø D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz
Curve 3: Case Ø D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz
Curve 4: Case Ø D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz
Fig.8 Typical multiplier of ESR as a function of ambient
temperature at different frequencies
100 V types
ESR
0 = typical at 20 °C
- 40
- 20
0
- 20
- 40
- 60
- 80 - 100
- 120
- 140
- 160
T
amb (°C)
1
10
2
ESR
ESR
0
10
-1
10
3
2
1
Curve 1: All case sizes; 100 Hz
Curve 2: Case Ø D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz
Curve 3: Case Ø D x L = 10 x 30 and 18 x 30 mm; 10 to 100 kHz


Similar Part No. - MAL212029101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212310101 VISHAY-MAL212310101 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310108 VISHAY-MAL212310108 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310109 VISHAY-MAL212310109 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310151 VISHAY-MAL212310151 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
MAL212310158 VISHAY-MAL212310158 Datasheet
1Mb / 12P
   Aluminum Capacitors Solid Axial
Revision: 23-Jun-08
More results

Similar Description - MAL212029101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com