Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30TPS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30TPS
Description  Phase Control SCR, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30TPS Datasheet(HTML) 2 Page - Vishay Siliconix

  30TPS Datasheet HTML 1Page - Vishay Siliconix 30TPS Datasheet HTML 2Page - Vishay Siliconix 30TPS Datasheet HTML 3Page - Vishay Siliconix 30TPS Datasheet HTML 4Page - Vishay Siliconix 30TPS Datasheet HTML 5Page - Vishay Siliconix 30TPS Datasheet HTML 6Page - Vishay Siliconix 30TPS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93707
2
Revision: 12-Aug-08
30TPS... High Voltage Series
Vishay High Power Products Phase Control SCR, 20 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
IT(AV)
TC = 95 °C, 180° conduction half sine wave
20
A
Maximum RMS on-state current
IRMS
30
Maximum peak, one-cycle
non-repetitive surge current
ITSM
10 ms sine pulse, rated VRRM applied
250
10 ms sine pulse, no voltage reapplied
300
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
310
A2s
10 ms sine pulse, no voltage reapplied
442
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
4420
A2
√s
Maximum on-state voltage drop
VTM
20 A, TJ = 25 °C
1.3
V
On-state slope resistance
rt
TJ = 125 °C
12
m
Ω
Threshold voltage
VT(TO)
1.0
V
Maximum reverse and direct leakage current
IRM/IDM
TJ = 25 °C
VR = Rated VRRM/VDRM
0.5
mA
TJ = 125 °C
10
Maximum holding current
IH
Anode supply = 6 V, resistive load, initial IT = 1 A
100
Maximum latching current
IL
Anode supply = 6 V, resistive load
200
Maximum rate of rise of off-state voltage
dV/dt
500
V/µs
Maximum rate of rise of turned-on current
dI/dt
150
A/µs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
+ IGM
1.5
A
Maximum peak negative gate voltage
- VGM
10
V
Maximum required DC gate current to trigger
IGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
60
mA
Anode supply = 6 V, resistive load, TJ = 25 °C
45
Anode supply = 6 V, resistive load, TJ = 125 °C
20
Maximum required DC gate
voltage to trigger
VGT
Anode supply = 6 V, resistive load, TJ = - 10 °C
2.5
V
Anode supply = 6 V, resistive load, TJ = 25 °C
2.0
Anode supply = 6 V, resistive load, TJ = 125 °C
1.0
Maximum DC gate voltage not to trigger
VGD
TJ = 125 °C, VDRM = Rated value
0.25
Maximum DC gate current not to trigger
IGD
2.0
mA
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgt
TJ = 25 °C
0.9
µs
Typical reverse recovery time
trr
TJ = 125 °C
4
Typical turn-off time
tq
110


Similar Part No. - 30TPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30TPS IRF-30TPS Datasheet
75Kb / 6P
   PHASE CONTROL SCR
30TPS08 IRF-30TPS08 Datasheet
75Kb / 6P
   PHASE CONTROL SCR
logo
Vishay Siliconix
30TPS08 VISHAY-30TPS08 Datasheet
179Kb / 8P
   Phase Control SCR, 20 A
Revision: 06-Jun-08
30TPS08PBF VISHAY-30TPS08PBF Datasheet
179Kb / 8P
   Phase Control SCR, 20 A
Revision: 06-Jun-08
logo
Inchange Semiconductor ...
30TPS08PBF ISC-30TPS08PBF Datasheet
322Kb / 2P
   isc Thyristors
More results

Similar Description - 30TPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30TPS08PBF VISHAY-30TPS08PBF Datasheet
179Kb / 8P
   Phase Control SCR, 20 A
Revision: 06-Jun-08
30TPS16 VISHAY-30TPS16 Datasheet
144Kb / 7P
   Phase Control SCR, 20 A
Revision: 12-Aug-08
30TPS16PBF VISHAY-30TPS16PBF Datasheet
139Kb / 7P
   Phase Control SCR, 20 A
Revision: 06-Jun-08
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
   Phase Control SCR, 35 A
Revision: 06-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com