Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213435479E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL213435479E3
Description  Aluminum Capacitors Radial Low Profile, 5 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213435479E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL213435479E3 Datasheet HTML 1Page - Vishay Siliconix MAL213435479E3 Datasheet HTML 2Page - Vishay Siliconix MAL213435479E3 Datasheet HTML 3Page - Vishay Siliconix MAL213435479E3 Datasheet HTML 4Page - Vishay Siliconix MAL213435479E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
134 RLP 5
Vishay BCcomponents
Aluminum Capacitors
Radial Low Profile, 5 mm
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28307
82
Revision: 15-Oct-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Note
Detailed tape dimensions see section ‘PACKAGING’.
L
15
min
5
min
Ø D
Ø d
F
± 0.5
+
-
Fig.2 Form CA: Long leads
Case Ø D = 4 to 6.3 mm; pitch F = 5 mm
Fig.3 Form TFA: Taped in box (ammopack)
pitch F = 2.5 mm
Case
∅ D= 4to 6.3 mm
Fig.4 Form TNA: Taped in box (ammopack)
DIMENSIONS in millimeters AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
PACKAGING QUANTITIES
FORM
CA
FORM
TFA
FORM
TNA
4 x 5
53
0.45
4.5
6.0
1.5 ± 0.5
2000
2000
2000
5 x 5
54
0.45
5.5
6.0
2.0 ± 0.5
2000
2000
2000
6.3 x 5
55
0.45
6.8
6.0
2.5 ± 0.5
2000
2000
2000


Similar Part No. - MAL213435479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213435479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134RLP5 VISHAY-134RLP5_13 Datasheet
98Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 12-Apr-13
134RLP5 VISHAY-134RLP5_17 Datasheet
104Kb / 5P
   Aluminum Electrolytic Capacitors Radial Low Profile, 5 mm
Revision: 14-Feb-17
097RLP7 VISHAY-097RLP7 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Low Profile, 7 mm
Revision: 12-Apr-13
097RLP7 VISHAY-097RLP7_17 Datasheet
103Kb / 5P
   Aluminum Electrolytic Capacitors Radial Low Profile, 7 mm
Revision: 14-Feb-17
134RLP5 VISHAY-134RLP5 Datasheet
71Kb / 4P
   Aluminum Capacitors Radial Low Profile 5mm
Revision: 10-Mar-05
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com