Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212874479E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL212874479E3
Description  Aluminum Capacitors Solid Al, Radial Pearl Miniature
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212874479E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL212874479E3 Datasheet HTML 1Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 2Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 3Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 4Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 5Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 6Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 7Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 8Page - Vishay Siliconix MAL212874479E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
128 SAL-RPM
Vishay BCcomponents
Aluminum Capacitors Solid Al,
Radial Pearl Miniature
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28354
156
Revision: 23-Jun-08
VOLTAGE
Notes
(1) Applying the maximum RMS ripple current given in Table 2 will
cause a device temperature of 138
°C
(2) The 100 kHz values in Table 2 for other temperatures are to be
calculated with the above IR multipliers:
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev < 0.3 x UR
Maximum peak AC voltage
Reverse voltage applied
≤ 2V
Maximum peak AC voltage,
without reverse voltage applied
Tamb ≤ 85 °C:
at f
≤ 0.1 Hz
0.30 x UR
at 0.1 Hz
< f ≤ 1Hz
0.45xUR
at 1 Hz
< f ≤ 10 Hz
0.60 x UR
at 10 Hz
< f ≤ 50 Hz
0.65 x UR
at f
> 50 Hz
0.80 x UR
85
°C < T
amb ≤ 125 °C:
at f
≤ 0.1 Hz
0.15 x UR
at 0.1 Hz
< f ≤ 1Hz
0.22xUR
at 1 Hz
< f ≤ 10 Hz
0.30 x UR
at 10 Hz
< f ≤ 50 Hz
0.32 x UR
at f
> 50 Hz
0.40 x UR
Inductance
Equivalent series inductance (ESL)
Case sizes 10 x 7 x 3.5 mm to 10 x 7 x 5 mm
typ. 9 nH to 14 nH
Case sizes 10 x 8 x 5 mm and 10 x 8 x 6 mm
typ. 11 nH to 16 nH
All case sizes
max. 20 nH
Dissipation
Maximum power dissipation
Case sizes 10 x 7 x 3.5 mm to 10 x 7 x 5 mm
P125 =88mW
Case sizes 10 x 8 x 5 mm and 10 x 8 x 6 mm
P125 = 104 mW
Current
Maximum leakage current
After 5 minutes at UR and Tamb =25 °CIL5 ≤ 0.025 CR x UR or 2 µA
whichever is greater; see Table 2
Typical leakage current
15 s at UR and Tamb =25 °C:
UR = 6.3 to 16 V
≈ 0.2 x value stated in Table 2
UR =25to40V
≈ 0.1 x value stated in Table 2
T
amb (°C)
40
35
25
16
10
6.3
4
0
- 50
0
50
100
150
175
85
125
(1) U
C = 125 °C
(2) U
C = 175 °C
(1)
(2)
Fig.5 Maximum permissible voltage up to Tamb = 175 °C
RIPPLE CURRENT (IR)
PARAMETER
Tamb
25
°C40 °C65 °C85 °C 105 °C 125 °C
IR multiplier
1.1
1.0
0.88
0.75
0.59
0.37


Similar Part No. - MAL212874479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212874479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
128SALRPM VISHAY-128SALRPM Datasheet
142Kb / 10P
   Aluminum Capacitors Solid AI, Radial Pearl Miniature
Revision: 07-May-13
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
152RMH VISHAY-152RMH Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 15-May-08
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
140RTM VISHAY-140RTM Datasheet
226Kb / 6P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 30-Jun-05
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
152RMH VISHAY-152RMH_12 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Miniature, High Voltage
Revision: 09-Nov-12
140RTM VISHAY-140RTM_12 Datasheet
104Kb / 7P
   Aluminum Capacitors Radial, High Temperature Miniature
Revision: 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com