Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213473101E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL213473101E3
Description  Aluminum Capacitors Radial Low Profile, 5 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213473101E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL213473101E3 Datasheet HTML 1Page - Vishay Siliconix MAL213473101E3 Datasheet HTML 2Page - Vishay Siliconix MAL213473101E3 Datasheet HTML 3Page - Vishay Siliconix MAL213473101E3 Datasheet HTML 4Page - Vishay Siliconix MAL213473101E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 28307
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 15-Oct-08
83
134 RLP 5
Aluminum Capacitors
Radial Low Profile, 5 mm
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in table apply
at Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 134 series
22 µF/16 V; ± 20 %
Nominal case size: Ø 5 x 5 mm; Form TFA
Ordering Code: MAL213435229E3
Former 12NC: 2222 134 35229
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 120 Hz, 85 °C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 120 Hz
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
85 °C
(mA)
IL2
2min
(µA)
tan
δ
120 Hz
Z
100 kHz
(
Ω)
ORDERING CODE
MAL2134.......
BULK
LONG LEADS
TAPED
AMMOPACK
FORM
CA
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)
6.3
22
4 x 5
23
3
0.24
11
53229E3
1.5
33229E3
5.0
73229E3
2.5
47
5 x 5
38
3
0.24
5.2
53479E3
2.0
33479E3
5.0
73479E3
2.5
100
6.3 x 5
60
7
0.24
3.4
53101E3
2.5
33101E3
5.0
73101E3
2.5
10
33
5 x 5
35
4
0.20
6.0
54339E3
2.0
34339E3
5.0
74339E3
2.5
16
10
4 x 5
20
3
0.16
12
95105E3
1.5
95103E3
5.0
95107E3
2.5
22
5 x 5
32
4
0.16
6.4
55229E3
2.0
35229E3
5.0
75229E3
2.5
47
6.3 x 5
50
8
0.16
4.2
55479E3
2.5
35479E3
5.0
75479E3
2.5
25
33
6.3 x 5
45
9
0.14
4.6
56339E3
2.5
36339E3
5.0
76339E3
2.5
35
4.7
4 x 5
15
3
0.12
27
50478E3
1.5
30478E3
5.0
70478E3
2.5
10
5 x 5
25
4
0.12
17
50109E3
2.0
30109E3
5.0
70109E3
2.5
22
6.3 x 5
40
8
0.12
11
50229E3
2.5
30229E3
5.0
70229E3
2.5
50
1.0
4 x 5
7.5
3
0.10
28
91105E3
1.5
91103E3
5.0
91107E3
2.5
2.2
4 x 5
12
3
0.10
26
91225E3
1.5
91223E3
5.0
91227E3
2.5
3.3
4 x 5
14
3
0.10
25
51338E3
1.5
31338E3
5.0
71338E3
2.5
4.7
5 x 5
19
3
0.10
22
51478E3
2.0
31478E3
5.0
71478E3
2.5
10
6.3 x 5
29
5
0.10
14
51109E3
2.5
31109E3
5.0
71109E3
2.5
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 2 minutes at UR
IL2 ≤ 0.01 CR xUR or 3 µA (whichever is greater)
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max. and CR (see Table 3)
ESR = tan
δ/2 π f C
R


Similar Part No. - MAL213473101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213473101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134RLP5 VISHAY-134RLP5_13 Datasheet
98Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 12-Apr-13
134RLP5 VISHAY-134RLP5_17 Datasheet
104Kb / 5P
   Aluminum Electrolytic Capacitors Radial Low Profile, 5 mm
Revision: 14-Feb-17
097RLP7 VISHAY-097RLP7 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Low Profile, 7 mm
Revision: 12-Apr-13
097RLP7 VISHAY-097RLP7_17 Datasheet
103Kb / 5P
   Aluminum Electrolytic Capacitors Radial Low Profile, 7 mm
Revision: 14-Feb-17
134RLP5 VISHAY-134RLP5 Datasheet
71Kb / 4P
   Aluminum Capacitors Radial Low Profile 5mm
Revision: 10-Mar-05
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com