Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30D107M040DC2A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30D107M040DC2A
Description  Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D107M040DC2A Datasheet(HTML) 1 Page - Vishay Siliconix

  30D107M040DC2A Datasheet HTML 1Page - Vishay Siliconix 30D107M040DC2A Datasheet HTML 2Page - Vishay Siliconix 30D107M040DC2A Datasheet HTML 3Page - Vishay Siliconix 30D107M040DC2A Datasheet HTML 4Page - Vishay Siliconix 30D107M040DC2A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 42041
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 22-Jul-08
485
Aluminum Capacitors
+ 105 °C, Miniature, Axial Lead, General Purpose
30D
Vishay Sprague
FEATURES
• Long life
• High performance
• High CV per case size
• Case sizes to 0.709" [18.0 mm] diameters
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.248" x 0.512" [6.3 x 13.0]
to 0.709" x 1.574" [18.0 x 40.0]
Operating temperature
- 40 °C to + 105 °C
Rated capacitance range, CR
1 µF to 4700 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
3 WVDC to 250 WVDC
Termination
axial leads
Life validation test at 105 °C
2000 hours:
Δ CAP ≤ 20 % from initial
measurement.
Δ ESR ≤ 1.5 x initial specified limit.
Δ DCL ≤ initial specified limit.
Shelf life at 85 °C
500 hours:
Δ CAP ≤ 20 % from initial
measurement.
Δ ESR ≤ 1.5 x initial specified limit.
Δ DCL ≤ 2.0 x initial specified limit.
DC leakage current
3 WVDC to 16 WVDC:
I = 0.1
25 WVDC to 250 WVDC:
I = 0.2
I in µA, C in µF, V in Volts
Fig.1 Component outline
CV
2
+
CV
2
+
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 105 °C
0.5
+ 85 °C
1.0
≤ 65 °C
2.0
FREQUENCY (Hz)
WVDC
50 - 60
100 - 120
300 - 400
1K - 100K
3 - 50
0.9
1.0
1.1
1.4
51 - 250
0.8
1.0
1.3
1.6
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL
STYLE 2
STYLE 5
RESIN END SEAL APPLIED
D
L
D (max.)
L (max.)
D (max.)
L (max.)
BA
0.248 [6.300]
0.512 [13.000]
0.276 [7.000]
0.567 [14.400]
0.276 [7.000]
0.626 [15.900]
BB
0.248 [6.300]
0.689 [17.500]
0.276 [7.000]
0.756 [19.200]
0.276 [7.000]
0.815 [20.700]
CB
0.315 [8.000]
0.689 [17.500]
0.339 [8.600]
0.756 [19.200]
0.339 [8.600]
0.815 [20.700]
CC
0.315 [8.000]
0.807 [20.500]
0.339 [8.600]
0.878 [22.300]
0.339 [8.600]
0.937 [23.800]
DC
0.374 [9.500]
0.807 [20.500]
0.402 [10.200]
0.878 [22.300]
0.402 [10.200]
0.937 [23.800]
DD
0.374 [9.500]
0.945 [24.000]
0.402 [10.200]
1.01 [25.500]
0.402 [10.200]
1.063 [27.000]
DF
0.374 [9.500]
1.260 [32.000]
0.402 [10.200]
1.319 [33.500]
0.402 [10.200]
1.378 [35.000]
DH
0.374 [9.500]
1.496 [38.000]
0.402 [10.200]
1.567 [39.800]
0.402 [10.200]
1.626 [41.300]
EF
0.433 [11.000]
1.260 [32.000]
0.465 [11.800]
1.319 [33.500]
0.465 [11.800]
1.378 [35.000]
EH
0.433 [11.000]
1.496 [38.000]
0.465 [11.800]
1.567 [39.800]
0.465 [11.800]
1.626 [41.300]
FH
0.492 [12.500]
1.496 [38.000]
0.516 [13.100]
1.567 [39.800]
0.516 [13.100]
1.626 [41.300]
FK
0.492 [12.500]
1.752 [44.500]
0.516 [13.100]
1.831 [46.500]
0.516 [13.100]
1.890 [48.000]
GH
0.630 [16.000]
1.496 [38.000]
0.654 [16.600]
1.567 [39.800]
0.654 [16.600]
1.626 [41.300]
GK
0.630 [16.000]
1.752 [44.500]
0.654 [16.600]
1.831 [46.500]
0.654 [16.600]
1.890 [48.000]
LS
0.709 [18.000]
1.575 [40.000]
0.736 [18.700]
1.673 [42.500]
0.736 [18.700]
1.693 [43.000]


Similar Part No. - 30D107M040DC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D107G003CB2 VISHAY-30D107G003CB2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D107G003CB2 VISHAY-30D107G003CB2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
30D107G003CB2 VISHAY-30D107G003CB2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
30D107G003CB2 VISHAY-30D107G003CB2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
30D107G012CC2 VISHAY-30D107G012CC2 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
More results

Similar Description - 30D107M040DC2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com