Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL212326229 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL212326229
Description  Aluminum Capacitors Solid Axial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL212326229 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL212326229 Datasheet HTML 1Page - Vishay Siliconix MAL212326229 Datasheet HTML 2Page - Vishay Siliconix MAL212326229 Datasheet HTML 3Page - Vishay Siliconix MAL212326229 Datasheet HTML 4Page - Vishay Siliconix MAL212326229 Datasheet HTML 5Page - Vishay Siliconix MAL212326229 Datasheet HTML 6Page - Vishay Siliconix MAL212326229 Datasheet HTML 7Page - Vishay Siliconix MAL212326229 Datasheet HTML 8Page - Vishay Siliconix MAL212326229 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
123 SAL-A
Vishay BCcomponents
Aluminum Capacitors
Solid Axial
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28355
254
Revision: 23-Jun-08
Note
SAL-AG types are epoxy-filled.
25
35
1.0
6.7 x 15.3
4
55
80
5
0.12
240
105
16.5
10108
20108
80108
60108
1.5
6.7 x 15.3
7
68
98
5
0.12
160
40.60
11.0
10158
20158
80158
60158
2.2
6.7 x 15.3
10
82
120
5
0.12
109
30
7.5
10228
20228
80228
60228
3.3
6.7 x 15.3
14
100
150
7
0.12
73
28
7.5
10338
20338
80338
60338
4.7
6.7 x 15.3
20
120
170
10
0.12
51
20
7.5
10478
20478
80478
60478
6.8
6.7 x 15.3
27
140
210
15
0.12
35
16
7.5
10688
20688
80688
60688
10
7.6 x 20.4
37
200
280
20
0.12
24
10
2.5
10109
20109
80109
60109
15
7.6 x 20.4
53
240
350
30
0.12
16
8
2.5
10159
20159
80159
60159
22
7.6 x 20.4
78
290
420
45
0.12
11
7
2.5
10229
20229
80229
60229
33
9.4 x 23.3
120
410
590
65
0.12
7.2
3
1.0
10339
20339
80339
60339
47
9.4 x 23.3
140
480
700
95
0.12
5.1
2.9
1.0
10479
20479
80479
60479
68
10.3 x 32.0
170
570
820
135
0.16
4.7
2.1
0.8
10689
20689
80689
60689
100
12.9 x 32.0
220
760
1100
200
0.16
3.2
1.7
0.6
10101
20101
80101
60101
150
12.9 x 32.0
290
990
1440
300
0.16
2.1
1.0
0.6
10151
20151
80151
60151
25
40
2.2
6.7 x 15.3
11
82
120
9
0.12
109
38
7.5
17228
27228
87228
67228
3.3
6.7 x 15.3
16
100
150
13
0.12
73
25
7.5
17338
27338
87338
67338
4.7
6.7 x 15.3
22
120
170
19
0.12
51
20
7.5
17478
27478
87478
67478
6.8
6.7 x 15.3
28
140
210
27
0.12
35
15
7.5
17688
27688
87688
67688
10
7.6 x 20.4
41
200
280
40
0.12
24
11
2.5
17109
27109
87109
67109
15
7.6 x 20.4
61
240
350
60
0.12
16
7
2.5
17159
27159
87159
67159
22
9.4 x 23.3
89
330
480
90
0.12
11
4
1.5
17229
27229
87229
67229
33
9.4 x 23.3
120
410
590
130
0.12
7.2
2.9
1.0
17339
27339
87339
67339
47
10.3 x 32.0
160
540
790
190
0.12
5.1
2.7
1.0
17479
27479
87479
67479
68
10.3 x 32.0
170
570
820
270
0.16
4.7
2.3
0.8
17689
27689
87689
67689
100
12.9 x 32.0
220
760
1100
400
0.16
3.2
1.6
0.6
17101
27101
87101
67101
ELECTRICAL DATA AND ORDERING INFORMATION for 123 series
UC
(V)
UR
(V)
CR
100 Hz
(µF)
MAX.
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
125 °C
(mA)
IR
10 kHz
85 °C
(mA)
IR
100 kHz
40 °C
(mA)
IL5
5min
(µA)
tan
δ
100 Hz
MAX.
ESR
100 Hz
(
Ω)
TYP.
ESR
100 Hz
(
Ω)
Z
100 kHz
(
Ω)
ORDERING CODE
MAL2123.....E3 Lead (Pb)-free
MAL2123 ..... Non lead (Pb)-free
SAL-A
FORM
BA
tol.
± 20 %
SAL-A
FORM
BR
tol.
± 20 %
SAL-
AG (1)
FORM
BA
tol.
± 10 %
level S
SAL-
AG (1)
FORM
BA
tol.
± 20 %
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev < 0.3 x UR
Maximum peak AC voltage, reverse
voltage applied
≤ 2V
Maximum peak AC voltage, without
reverse voltage applied
Tamb ≤ 85 °C:
at f
≤ 0.1 Hz
0.30 x UR
at 0.1 Hz
< f ≤ 1Hz
0.45 x UR
at 1 Hz
< f ≤ 10 Hz
0.60 x UR
at 10 Hz
< f ≤ 50 Hz
0.65 x UR
at f
> 50 Hz
0.80 x UR
85 °C
< T
amb ≤ 125 °C:
at f
≤ 0.1 Hz
0.15 x UR
at 0.1 Hz
< f ≤ 1Hz
0.22 x UR
at 1 Hz
< f ≤ 10 Hz
0.30 x UR
at 10 Hz
< f ≤ 50 Hz
0.32 x UR
at f
> 50 Hz
0.40 x UR
Current
Maximum leakage current
After 5 minutes at UR and Tamb =25°C
IL5 ≤ 0.05 CR x UR or 2 µA, whichever is greater;
see Table 2
Typical leakage current
After 15 s at UR and Tamb =25 °C:
UR = 6.3 to 16 V
≈ 0.2 x value stated in Table 2
UR = 25 to 40 V
≈ 0.1 x value stated in Table 2


Similar Part No. - MAL212326229

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL212015102E3 VISHAY-MAL212015102E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015152E3 VISHAY-MAL212015152E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015222E3 VISHAY-MAL212015222E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015332E3 VISHAY-MAL212015332E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
MAL212015472E3 VISHAY-MAL212015472E3 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
More results

Similar Description - MAL212326229

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
123SALA VISHAY-123SALA Datasheet
167Kb / 12P
   Aluminum Capacitors Solid Axial
Revision: 05-May-13
logo
United Chemi-Con, Inc.
APXE2R5ARA181ME61G CHEMI-CON-APXE2R5ARA181ME61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
logo
Vishay Siliconix
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
logo
Kemet Corporation
PEG130HH4360QL1 KEMET-PEG130HH4360QL1 Datasheet
3Mb / 9P
   Axial Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
logo
Kemet Corporation
PEG130 KEMET-PEG130 Datasheet
507Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/27/2022
PEG226 KEMET-PEG226_V01 Datasheet
472Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEG227 KEMET-PEG227 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com