Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D686X0060T2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 135D686X0060T2
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D686X0060T2 Datasheet(HTML) 4 Page - Vishay Siliconix

  135D686X0060T2 Datasheet HTML 1Page - Vishay Siliconix 135D686X0060T2 Datasheet HTML 2Page - Vishay Siliconix 135D686X0060T2 Datasheet HTML 3Page - Vishay Siliconix 135D686X0060T2 Datasheet HTML 4Page - Vishay Siliconix 135D686X0060T2 Datasheet HTML 5Page - Vishay Siliconix 135D686X0060T2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 10-Oct-08
45
135D
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
Hermetic Seal for - 55 °C to + 200 °C Operation
Vishay
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER*
MAX. ESR
at
+ 25 °C
120 Hz
MAX. IMP.
at
- 55 °C
120 Hz
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE
(%) at
MAX.
RIPPLE
40 kHz
rms
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
125 WVDC at + 85 °C . . . 85 WVDC at + 125 °C . . . 75 WVDC at + 200 °C
1.7
C
135D175X0125C2
15.6
1250
1.0
2.0
- 16
+ 7
+ 8
415
3.6
C
135D365X0125C2
10.0
600
1.0
2.0
- 16
+ 7
+ 8
520
9
F
135D905X0125F2
7.4
240
1.0
5.0
- 16
+ 7
+ 8
755
14
F
135D146X0125F2
5.7
167
1.0
7.0
- 16
+ 7
+ 8
860
18
T
135D186X0125T2
3.7
129
2.0
9.0
- 16
+ 7
+ 8
1130
Note
* Part Numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter “X” from “0” to “9”; for ± 5 %, change the digit following the letter “X" from “0” to “5”. For capacitors without outer polyester-film
insulation, change the last digit in the part number from “2” to “0”. For capacitors with a high temperature insulating sleeve, change the last digit
in the part number from “2” to “6”. For RoHS compliant add “E3”.
STANDARD RATINGS
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER*
MAX. ESR
at
+ 25 °C
120 Hz
MAX. IMP.
at
- 55 °C
120 Hz
MAX. DCL (µA)
at
MAX.. CAPACITANCE
CHANGE (%) at
MAX.
RIPPLE
40 kHz
rms
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C . . . 3.6 WVDC at + 200 °C
220
C
135D227X0006C2
3.0
36
2
9
- 64
+ 13
+ 16
1000
560
F
135D567X0006F2
2.5
21
3
9
- 77
+ 16
+ 20
1500
820
F
135D827X0006F2
2.5
18
3
14
- 88
+ 16
+ 20
1500
1200
T
135D128X0006T2
1.5
18
5
18
- 88
+ 20
+ 25
1900
1500
T
135D158X0006T2
1.5
18
5
20
- 90
+ 20
+ 25
1900
2200
K
135D228X0006K2
1.0
13
6
24
- 90
+ 25
+ 30
2300
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C . . . 4.8 WVDC at + 200 °C
180
C
135D187X0008C2
3.0
45
2
9
- 60
+ 13
+ 16
1000
680
F
135D687X0008F2
2.5
22
3
14
- 83
+ 16
+ 20
1500
1500
T
135D158X0008T2
1.5
18
5
20
- 90
+ 20
+ 25
1900
1800
K
135D188X0008K2
1.0
14
7
25
- 90
+ 25
+ 30
2300
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C . . . 6 WVDC at + 200 °C
120
C
135D127X0010C2
3.2
54
2
6
- 40
+ 14
+ 16
900
150
C
135D157X0010C2
3.0
54
2
9
- 55
+ 13
+ 16
900
390
F
135D397X0010F2
2.5
27
3
9
- 66
+ 16
+ 20
1450
560
F
135D567X0010F2
2.5
27
3
16
- 77
+ 16
+ 20
1450
1200
T
135D128X0010T2
1.5
18
5
20
- 88
+ 20
+ 25
1850
1500
K
135D158X0010K2
1.0
15
7
25
- 88
+ 25
+ 30
2300
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C . . . 9 WVDC at + 200 °C
82
C
135D826X0015C2
3.9
72
2
6
- 35
+ 12
+ 16
900
100
C
135D107X0015C2
3.9
72
2
9
- 44
+ 13
+ 16
900
270
F
135D277X0015F2
2.5
31
3
9
- 62
+ 16
+ 15
1450
390
F
135D397X0015F2
2.5
31
3
16
- 66
+ 16
+ 20
1450
680
T
135D687X0015T2
1.8
22
6
18
- 74
+ 20
+ 25
1800
820
T
135D827X0015T2
1.8
22
6
24
- 77
+ 20
+ 25
1800
1000
K
135D108X0015K2
1.2
17
8
32
- 77
+ 25
+ 30
2330
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C . . . 12 WVDC at + 200 °C
56
C
135D566X0025C2
4.3
90
2
6
- 25
+ 12
+ 15
850
68
C
135D686X0025C2
4.3
90
2
9
- 40
+ 12
+ 15
850
180
F
135D187X0025F2
2.7
33
3
9
- 54
+ 13
+ 15
1400
270
F
135D277X0025F2
2.7
33
3
16
- 62
+ 13
+ 16
1400
470
T
135D477X0025T2
1.8
24
6
18
- 65
+ 18
+ 25
1750
560
T
135D567X0025T2
1.8
24
7
28
- 72
+ 20
+ 25
1750
680
K
135D687X0025K2
1.2
19
8
32
- 72
+ 25
+ 30
2100
Note
* Part Numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter “X” from “0” to “9”; for ± 5 %, change the digit following the letter “X" from “0” to “5”. For capacitors without outer polyester-film
insulation, change the last digit in the part number from “2” to “0”. For capacitors with a high temperature insulating sleeve, change the last digit
in the part number from “2” to “6”. For RoHS compliant add “E3”.


Similar Part No. - 135D686X0060T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D686X0060T2 VISHAY-135D686X0060T2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D686X0060T2 VISHAY-135D686X0060T2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D686X0060T2 VISHAY-135D686X0060T2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D686X0060T2 VISHAY-135D686X0060T2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results

Similar Description - 135D686X0060T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com