Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28479E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 28479E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

28479E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 28479E3 Datasheet HTML 3Page - Vishay Siliconix 28479E3 Datasheet HTML 4Page - Vishay Siliconix 28479E3 Datasheet HTML 5Page - Vishay Siliconix 28479E3 Datasheet HTML 6Page - Vishay Siliconix 28479E3 Datasheet HTML 7Page - Vishay Siliconix 28479E3 Datasheet HTML 8Page - Vishay Siliconix 28479E3 Datasheet HTML 9Page - Vishay Siliconix 28479E3 Datasheet HTML 10Page - Vishay Siliconix 28479E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335
240
Revision: 09-May-08
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, DIN-Based
EQUIVALENT SERIES RESISTANCE (ESR)
IMPEDANCE (Z)
Fig.7 Typical multiplier of ESR as a function of
ambient temperature
0150
50
100
1
10
- 50
- 100
ESR
0
ESR
10
2
10
-1
1
2
1
2
Case Ø D x L = 6.5 x 18 to 15 x 30 mm
ESR
0 = typical at 20 °C, 100 Hz
Curve 1: 25 to 200 V
Curve 2: 10 V; 16 V
Fig.8 Typical multiplier of ESR as a function of
ambient temperature
0150
50
100
1
10
- 50
- 100
ESR
0
ESR
10
2
10
-1
Case Ø D x L = 18 x 30 to 21 x 38 mm
ESR
0 = typical at 20 °C, 100 Hz
1
2
1
2
Curve 1: 25 to 100 V
Curve 2: 10 V; 16 V
Fig.9 Typical multiplier of ESR as a function
of frequency
ESR
0
ESR
Case Ø D x L = 6.5 x 18 to 10 x 25 mm
ESR
0 = typical at 20 °C, 100 Hz
0
10
5
10
4
10
3
10
2
10
f (Hz)
0.4
0.8
1.2
1.6
2.0
4
3
2
1
1
2
4
3
Curve 1: 63 V (< 10 µF) and 200 V
Curve 2: 63 V (< 10 µF) and 100 V
Curve 3: 25 V; 40 V
Curve 4: 10 V; 16 V
Fig.10 Typical multiplier of ESR as a function
of frequency
Case Ø D x L = 10 x 30 to 21 x 38 mm
ESR
0 = typical at 20 °C, 100 Hz
10
5
10
4
10
3
10
2
10
f (Hz)
0
0.2
0.4
0.6
0.8
1.4
ESR0
ESR
1.2
1.0
1
2
3
2
1
3
Curve 1: 10 V
Curve 2: 16 V; 25 V
Curve 3: 40 V to100 V
Fig.11 Typical impedance as a function of frequency
f (Hz)
10
6
10
5
10
4
10
3
10
2
10
10
7
10
10
10
1
Z
( )
Ω
1
2
3
10
-1
Case Ø D x L = 8 x 18 mm
Curve 1: 22 µF
Curve 2: 47 µF
Curve 3: 100 µF
T
amb (°C)
Fig.12 Typical impedance as a function of frequency
f (Hz)
10
6
10
5
10
4
10
3
10
2
10
10
7
10
3
10
2
10
1
Z
( )
Ω
10
-1
Case Ø D x L = 8 x 18 mm
1
2
3
Curve 1: 100 µF
Curve 2: 220 µF
Curve 3:470 µF


Similar Part No. - 28479E3

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2847 KR-2847 Datasheet
48Kb / 2P
   40 MHz lowpass filter. The filter is group delay equlized
logo
Heyco.
2847 HEYCO-2847 Datasheet
102Kb / 1P
   Shorty Bushings
logo
KR Electronics, Inc.
2847-S KR-2847-S Datasheet
49Kb / 2P
   40 MHz Bandwidth
logo
TE Connectivity Ltd
28472-1 TEC-28472-1 Datasheet
268Kb / 5P
   Pistol Grip Pneumatic Handle Assembly
logo
Murata Manufacturing Co...
28472C MURATA-28472C Datasheet
133Kb / 3P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 28479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com