Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL214097001E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL214097001E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214097001E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL214097001E3 Datasheet HTML 1Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 2Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 3Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 4Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 5Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 6Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 7Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 8Page - Vishay Siliconix MAL214097001E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 28396
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Oct-08
69
140 CRH
Aluminum Capacitors
SMD (Chip), High Temperature
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 4 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 140 CRH series
100 µF/50 V; ± 20 %
Nominal case size: 10 x 10 x 14 mm; taped on reel
Ordering Code: MAL214097102E3
Former 12NC: 2222 140 97102
Table 5
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 kHz, 125
°C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(µF)
NOMINAL
CASE SIZE
Lx Wx H
(mm)
IR
100 kHz
125 °C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
20 °C
(
Ω)
ORDERING CODE
MAL2140.......
6.3
330
8 x 8 x 10
180
21
0.30
0.40
97303E3
470
10 x 10 x 10
300
30
0.30
0.25
97301E3
680
10 x 10 x 14
430
43
0.30
0.12
97302E3
10
220
8 x 8 x 10
180
22
0.26
0.40
97403E3
330
10 x 10 x 10
300
33
0.26
0.25
97401E3
470
10 x 10 x 14
430
47
0.26
0.12
97402E3
680
12.5 x 12.5 x13
750
68
0.22
0.12
97411E3
1000
12.5 x 12.5 x 16
900
100
0.22
0.09
97412E3
16
150
8 x 8 x 10
180
24
0.22
0.40
97502E3
330
10 x 10 x 14
430
53
0.22
0.20
97501E3
470
12.5 x 12.5 x 13
750
75
0.18
0.12
97511E3
680
12.5 x 12.5 x 16
900
108
0.18
0.09
97512E3
25
100
8 x 8 x 10
180
25
0.18
0.40
97602E3
220
10 x 10 x 10
300
55
0.18
0.25
97601E3
330
12.5 x 12.5 x 13
750
82
0.16
0.12
97611E3
470
12.5 x 12.5 x 16
900
117
0.16
0.09
97612E3
35
68
8 x 8 x 10
180
24
0.14
0.40
97003E3
100
10 x 10 x 10
255
35
0.14
0.25
97001E3
150
10 x 10 x 14
317
53
0.14
0.20
97002E3
220
12.5 x 12.5 x 13
750
77
0.14
0.12
97011E3
330
12.5 x 12.5 x 13
750
115
0.14
0.12
97012E3
470
12.5 x 12.5 x 16
900
164
0.14
0.09
97013E3
50
47
8 x 8 x 10
145
24
0.14
0.70
97103E3
68
10 x 10 x 10
205
34
0.14
0.50
97101E3
100
10 x 10 x 14
255
50
0.14
0.40
97102E3
220
12.5 x 12.5 x 13
750
110
0.12
0.23
97111E3
330
12.5 x 12.5 x 16
900
165
0.12
0.18
97112E3
63
10
8 x 8 x 10
145
6.3
0.12
0.70
97805E3
22
8 x 8 x 10
145
14
0.12
0.70
97803E3
33
8 x 8 x 10
145
21
0.12
0.70
97804E3
47
10 x 10 x 10
205
30
0.12
0.50
97801E3
68
10 x 10 x 14
255
43
0.12
0.40
97802E3
100
12.5 x 12.5 x 13
500
63
0.14
0.25
97811E3
220
12.5 x 12.5 x 16
600
138
0.14
0.20
97812E3


Similar Part No. - MAL214097001E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214097301E3 VISHAY-MAL214097301E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097302E3 VISHAY-MAL214097302E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097303E3 VISHAY-MAL214097303E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097401E3 VISHAY-MAL214097401E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097402E3 VISHAY-MAL214097402E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
More results

Similar Description - MAL214097001E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com