Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3HN04SS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 3HN04SS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3HN04SS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  3HN04SS Datasheet HTML 1Page - Sanyo Semicon Device 3HN04SS Datasheet HTML 2Page - Sanyo Semicon Device 3HN04SS Datasheet HTML 3Page - Sanyo Semicon Device 3HN04SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3HN04SS
No. A1015-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
14
ns
Rise Time
tr
See specified Test Circuit.
17.5
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
65
ns
Fall Time
tf
See specified Test Circuit.
41
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=300mA
1.68
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=300mA
0.54
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=300mA
0.12
nC
Diode Forward Voltage
VSD
IS=300mA, VGS=0V
0.86
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7029-003
0.25
0.2
1.4
0.45
1
3
2
0.1
2
3
1
Top View
Bottom View
1 : Gate
2 : Source
3 : Drain
SANYO : SSFP
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=300mA
RL=50Ω
Rg
VDD=15V
VOUT
3HN04SS
VIN
10V
0V
VIN
Rg=1.2kΩ
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
0.05
0.30
0.10
0.15
0.20
0.25
0
0
0.10
0.05
0.20
0.15
0.25
0.30
0
1.0
0.8
0.6
0.1
0.2
0.4
0.9
0.7
0.3
0.5
IT10821
0
1.0
0.5
2.0
3.0
4.0
1.5
2.5
3.5
4.5
IT10822
VGS=3V
VDS=10V


Similar Part No. - 3HN04SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3HN04S SANYO-3HN04S Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - 3HN04SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com