Electronic Components Datasheet Search |
|
MAL211825152E3 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
MAL211825152E3 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 11 page Document Number: 28334 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com Revision: 30-May-08 229 118 AHT Aluminum Capacitors Axial High Temperature Vishay BCcomponents Table 2 Note For applications at ambient temperatures of ≤ 85 °C, the rated voltage (U R) may be raised to UR2. ADDITIONAL ELECTRICAL DATA PARAMETER CONDITIONS VALUE AXIAL MOUNTING RING Voltage Surge voltage Us ≤ 1.15 x UR Reverse voltage Urev ≤ 1V Current Leakage current After 1 minute at UR IL1 ≤ 0.006 CR xUR + 4 µA or 20 µA (whichever is greater) After 5 minutes at UR IL5 ≤ 0.002 CR xUR +4µA Inductance Equivalent series inductance (ESL) Case ∅ D x L mm: 6.5 x 18 typ. 15 nH - 8 x 18 typ. 35 nH - 10 x 18 typ. 69 nH - 10 x 25 typ. 38 nH - 10 x 30 typ. 38 nH - 12.5 x 30 typ. 46 nH - 15 x 30 typ. 48 nH typ. 39 nH 18 x 30 typ. 50 nH typ. 39 nH 18 x 38 typ. 54 nH typ. 39 nH 21 x 38 typ. 59 nH typ. 39 nH UPRATING VALUES AT REDUCED AMBIENT TEMPERATURE SYMBOL CONDITIONS VALUES UNIT UR Tamb > 85 to 125 °C 6.3 10 16 25 40 63 100 200 V UR2 Tamb ≤ 85 °C 10 16 25 40 63 100 125 250 V CAPACITANCE Fig.5 Typical multiplier of capacitance as a function of ambient temperature Case Ø D x L = 6.5 x 18 to 10 x 25 mm C 0 = capacitance at 20 °C, 100 Hz T amb (°C) 1 10 10 ESR 0 ESR 1 2 2 10 -1 - 50 0 50 100 Curve 1: 63 V Curve 2: 6.3 V 1.2 1.1 1.0 0.9 0.8 0.7 0.6 C C 0 Case Ø D x L = 10 x 30 to 21 x 38 mm C 0 = capacitance at 20 °C, 100 Hz - 60 - 40 - 20 0 20 40 60 80 100 120 140 160 T amb (°C) 3 4 4 1 2 1 Curve 1: 100 V; 200 V Curve 2: 40 V; 63 V Curve 3: 16 V; 25 V Curve 4: 6.3 V; 10 V Fig.6 Typical multiplier of capacitance as a function of ambient temperature |
Similar Part No. - MAL211825152E3 |
|
Similar Description - MAL211825152E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |