Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215095511E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215095511E3
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215095511E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215095511E3 Datasheet HTML 1Page - Vishay Siliconix MAL215095511E3 Datasheet HTML 2Page - Vishay Siliconix MAL215095511E3 Datasheet HTML 3Page - Vishay Siliconix MAL215095511E3 Datasheet HTML 4Page - Vishay Siliconix MAL215095511E3 Datasheet HTML 5Page - Vishay Siliconix MAL215095511E3 Datasheet HTML 6Page - Vishay Siliconix MAL215095511E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 28304
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 03-Jul-08
3
150 CLZ
Aluminum Capacitors
SMD (Chip), Very Low Z
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 4 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 150 CLZ series
220 µF/50 V; ± 20 %
Nominal case size: 10 x 10 x 14 mm; taped on reel
Ordering code: MAL215095102E3
Former 12NC: 2222 150 95102
Table 4
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 kHz, 105 °C
Il2
max. leakage current after 2 minutes at UR
Tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(MF)
NOMINAL
CASE SIZE
LxW x H
(mm)
IR
105 °C
100 kHz
(mA)
IL2
2min
(mA)
Tan
δ
100 Hz
Z
100 kHz
(
Ω)
ORDERING CODE
MAL2150.......
6.3
470
8 x 8 x 10
435
30
0.24
0.25
95311E3
1000
10 x 10 x 10
670
63
0.24
0.13
95301E3
10
330
8 x 8 x 10
435
33
0.20
0.25
95411E3
470
8 x 8 x 10
435
47
0.20
0.25
95412E3
680
10 x 10 x 10
670
68
0.20
0.13
95401E3
1000
10 x 10 x 14
850
100
0.20
0.10
95402E3
16
220
8 x 8 x 10
435
35
0.16
0.25
95511E3
330
8 x 8 x 10
435
53
0.16
0.25
95512E3
470
10 x 10 x 10
670
75
0.16
0.13
95501E3
680
10 x 10 x 14
850
109
0.16
0.10
95502E3
25
150
8 x 8 x 10
420
38
0.14
0.28
95611E3
220
8 x 8 x 10
420
55
0.14
0.28
95612E3
330
10 x 10 x 10
640
83
0.14
0.14
95601E3
470
10 x 10 x 14
820
118
0.14
0.11
95602E3
35
100
8 x 8 x 10
405
35
0.12
0.30
95011E3
220
10 x 10 x 10
630
77
0.12
0.15
95001E3
330
10 x 10 x 14
790
116
0.12
0.12
95002E3
50
68
8 x 8 x 10
333
34
0.12
0.48
95111E3
100
10 x 10 x 10
490
50
0.12
0.24
95101E3
220
10 x 10 x 14
620
110
0.12
0.19
95102E3
63
33
8 x 8 x 10
270
21
0.10
0.65
95812E3
47
8 x 8 x 10
270
30
0.10
0.65
95811E3
47
10 x 10 x 10
390
30
0.10
0.38
95801E3
68
10 x 10 x 10
390
43
0.10
0.38
95802E3
100
10 x 10 x 14
507
63
0.10
0.29
95803E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
VOLTAGE
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us ≤ 1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16
Urev ≤ 1V
CURRENT
Leakage current
after 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
INDUCTANCE
Equivalent series inductance (ESL)
typ. 16 nH
RESISTANCE
Equivalent series resistance (ESR) at 100 Hz
calculated from tan
δ
max and CR (see Table 4)
ESR = tan
δ/2 πf C
R


Similar Part No. - MAL215095511E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215095473E3 VISHAY-MAL215095473E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215095475E3 VISHAY-MAL215095475E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215095478E3 VISHAY-MAL215095478E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215095511E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com