Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29479E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 29479E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

29479E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 29479E3 Datasheet HTML 3Page - Vishay Siliconix 29479E3 Datasheet HTML 4Page - Vishay Siliconix 29479E3 Datasheet HTML 5Page - Vishay Siliconix 29479E3 Datasheet HTML 6Page - Vishay Siliconix 29479E3 Datasheet HTML 7Page - Vishay Siliconix 29479E3 Datasheet HTML 8Page - Vishay Siliconix 29479E3 Datasheet HTML 9Page - Vishay Siliconix 29479E3 Datasheet HTML 10Page - Vishay Siliconix 29479E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Document Number: 28335
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 09-May-08
243
119 AHT-DIN
Aluminum Capacitors
Axial High Temperature, DIN-Based
Vishay BCcomponents
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 125 °C; UR applied;
Case Ø D x L = 6.5 x 18 to 10 x 25 mm:
2000 hours;
Case Ø DxL=10 x30to21x38 mm:
4000 hours
ΔC/C: ± 15 %
tan
δ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 125 °C; UR and IR applied;
Case Ø D x L = 6.5 x 18 to 10 x 25 mm:
4000 hours;
Case Ø DxL=10 x30to21x38 mm:
8000 hours
ΔC/C: ± 45 %
tan
δ≤ 3xspec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
(200 V
≤ 3 %)
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 125 °C; no voltage applied;
UR = 10 to 63 V: 500 hours;
UR = 100 and 200 V: 100 hours
After test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 x spec. limit
Reverse voltage
IEC 60384-4/
EN130300
subclause 4.15
Tamb = 125 °C:
125 hours at U = - 1 V
followed by 125 hours at UR
ΔC/C: ± 20 %
tan
δ≤ spec. limit
IL5 ≤ spec. limit


Similar Part No. - 29479E3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2947909 PHOENIX-2947909 Datasheet
46Kb / 2P
   Covering hood, for the contact and dust-protected encapsulation of the components, in green design.
2947925 PHOENIX-2947925 Datasheet
72Kb / 3P
   Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design. Height: 7.5 mm, width: 50 mm
2947941 PHOENIX-2947941 Datasheet
46Kb / 2P
   Covering hood, for the contact and dust-protected encapsulation of the components, in green design.
2947954 PHOENIX-2947954 Datasheet
71Kb / 3P
   Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design. Height: 7.5 mm, width: 75 mm
2947967 PHOENIX-2947967 Datasheet
47Kb / 2P
   Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design.
More results

Similar Description - 29479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com