Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29151E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 29151E3
Description  Aluminum Capacitors Axial High Temperature, DIN-Based
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

29151E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  29151E3 Datasheet HTML 1Page - Vishay Siliconix 29151E3 Datasheet HTML 2Page - Vishay Siliconix 29151E3 Datasheet HTML 3Page - Vishay Siliconix 29151E3 Datasheet HTML 4Page - Vishay Siliconix 29151E3 Datasheet HTML 5Page - Vishay Siliconix 29151E3 Datasheet HTML 6Page - Vishay Siliconix 29151E3 Datasheet HTML 7Page - Vishay Siliconix 29151E3 Datasheet HTML 8Page - Vishay Siliconix 29151E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335
238
Revision: 09-May-08
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, DIN-Based
63
10
6.5 x 18
4
68
20
5.3
0.07
11
5.6
-
28109E3
38109E3
-
22
8 x 18
5
110
20
6.7
0.07
5.1
2.8
-
28229E3
38229E3
-
47
10 x 18
6
180
22
9.9
0.07
2.4
1.3
-
28479E3
38479E3
-
68
10 x 25
7
230
30
13
0.07
1.6
1.0
-
90505E3
90506E3
-
68
10 x 30
00
300
30
13
0.07
1.6
0.92
18689E3
28689E3
-
-
100
10 x 30
00
360
42
17
0.08
1.3
0.75
18101E3
28101E3
-
-
150
15 x 30
02
560
61
23
0.08
0.85
0.37
18151E3
28151E3
-
48151E3
220
15 x 30
02
640
87
32
0.08
0.58
0.37
18221E3
28221E3
-
48221E3
330
18 x 30
03
880
129
46
0.09
0.43
0.23
18331E3
-
-
48331E3
470
18 x 38
04
1130
182
63
0.09
0.30
0.15
18471E3
-
-
48471E3
680
21 x 38
05
1290
261
90
0.09
0.21
0.12
18681E3
-
-
48681E3
1000
21 x 38
05
1430
382
130
0.10
0.16
0.11
18102E3
-
-
48102E3
100
4.7
6.5 x 18
4
44
20
10
0.08
27
10
-
29478E3
39478E3
-
10
8 x 18
5
70
20
10
0.08
13
6.0
-
29109E3
39109E3
-
22
10 x 18
6
112
20
10
0.08
5.8
3.5
-
29229E3
39229E3
-
47
10 x 25
7
178
32
13
0.08
2.7
2.0
-
90518E3
90519E3
-
47
10 x 30
00
240
32
13
0.08
2.7
2.0
19479E3
29479E3
-
-
68
12.5 x 30
01
330
45
18
0.08
1.9
1.2
19689E3
29689E3
-
-
100
15 x 30
02
440
64
24
0.09
1.4
0.96
19101E3
29101E3
-
49101E3
150
15 x 30
02
520
94
34
0.10
1.1
0.78
19151E3
29151E3
-
49151E3
220
18 x 30
03
710
136
48
0.10
0.72
0.55
19221E3
-
-
49221E3
330
18 x 38
04
920
202
70
0.10
0.48
0.37
19331E3
-
-
49331E3
470
21 x 38
05
1070
286
98
0.10
0.34
0.28
19471E3
-
-
49471E3
200
4.7
10 x 18
6
52
20
10
0.08
27
10
-
90507E3
90508E3
-
10
10 x 25
7
82
20
10
0.08
13
5.0
-
90509E3
90511E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1min
(µA)
IL5
5min
(µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
ORDERING CODE MAL2119.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute:
UR =10to40V
IL1 ≤ 0.006 CR xUR +4µA,or10µA
(whichever is greater)
UR = 63 V to 200 V
IL1 ≤ 0.006 CR xUR +4µA,or20µA
(whichever is greater)
After 5 minutes:
UR =10to63V
IL5 ≤ 0.002 CR xUR +4µA
UR = 100 and 200 V
IL5 ≤ 0.002 CR xUR +4µA,or10µA
(whichever is greater)
Inductance


Similar Part No. - 29151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
29151E3 VISHAY-29151E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 29151E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com