Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215097402E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215097402E3
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215097402E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215097402E3 Datasheet HTML 1Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 2Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 3Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 4Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 5Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 6Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 7Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 8Page - Vishay Siliconix MAL215097402E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 30-Oct-08
61
150 CRZ
Aluminum Capacitors
SMD (Chip), Very Low Z
Vishay BCcomponents
Note
Unless otherwise specified, all electrical values in Table 5 apply at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 150 CRZ series
220 µF/50 V; ± 20 %
Nominal case size: 10 x 10 x 14 mm; taped on reel
Ordering Code: MAL215097102E3
Former 12 NC: 2222 150 97102
Table 5
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 kHz, 105
°C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(µF)
NOMINAL
CASE SIZE
LxW x H
(mm)
IR
105
°C
100 kHz
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
Z
100 kHz
20 °C
(
Ω)
Z
100 kHz
- 40 °C
(
Ω)
ORDERING CODE
MAL2150.......
6.3
470
8 x 8 x 10
435
30
0.24
0.250
2.000
97311E3
1000
10 x 10 x 10
670
63
0.24
0.130
1.100
97301E3
2200
12.5 x 12.5 x 13
905
139
0.26
0.077
0.600
97312E3
10
330
8 x 8 x 10
435
33
0.20
0.250
2.000
97411E3
470
8 x 8 x 10
435
47
0.20
0.250
2.000
97412E3
680
10 x 10 x 10
670
68
0.20
0.130
1.100
97401E3
1000
10 x 10 x 14
850
100
0.20
0.100
0.800
97402E3
1500
12.5 x 12.5 x 13
905
150
0.22
0.077
0.600
97413E3
2200
12.5 x 12.5 x 16
1007
220
0.22
0.060
0.480
97414E3
16
220
8 x 8 x 10
435
35
0.16
0.250
2.000
97511E3
330
8 x 8 x 10
435
53
0.16
0.250
2.000
97512E3
470
10 x 10 x 10
670
75
0.16
0.130
1.100
97501E3
680
10 x 10 x 14
850
109
0.16
0.100
0.800
97502E3
1000
12.5 x 12.5 x 13
905
160
0.18
0.077
0.600
97513E3
1500
12.5 x 12.5 x 16
1007
240
0.18
0.060
0.480
97514E3
25
150
8 x 8 x 10
420
38
0.14
0.280
2.240
97611E3
220
8 x 8 x 10
420
55
0.14
0.280
2.240
97612E3
330
10 x 10 x 10
640
83
0.14
0.140
1.120
97601E3
470
10 x 10 x 14
820
118
0.14
0.110
0.880
97602E3
680
12.5 x 12.5 x 13
905
170
0.16
0.077
0.600
97613E3
1000
12.5 x 12.5 x 16
1007
250
0.16
0.060
0.480
97614E3
35
100
8 x 8 x 10
405
35
0.12
0.300
2.400
97011E3
220
10 x 10 x 10
630
77
0.12
0.150
1.200
97001E3
330
10 x 10 x 14
790
116
0.12
0.120
0.960
97002E3
470
12.5 x 12.5 x 13
905
165
0.14
0.077
0.600
97012E3
680
12.5 x 12.5 x 16
1007
238
0.14
0.060
0.480
97013E3
50
68
8 x 8 x 10
333
34
0.12
0.480
3.840
97111E3
100
10 x 10 x 10
490
50
0.12
0.240
1.920
97101E3
220
10 x 10 x 14
620
110
0.12
0.190
1.520
97102E3
330
12.5 x 12.5 x 13
690
165
0.12
0.130
1.040
97112E3
63
33
8 x 8 x 10
270
21
0.10
0.650
5.200
97812E3
47
8 x 8 x 10
270
30
0.10
0.650
5.200
97811E3
47
10 x 10 x 10
390
30
0.10
0.380
3.000
97801E3
68
10 x 10 x 10
390
43
0.10
0.380
3.000
97802E3
100
10 x 10 x 14
507
63
0.10
0.290
2.320
97803E3
150
12.5 x 12.5 x 13
507
97
0.10
0.250
2.000
97821E3
220
12.5 x 12.5 x 16
637
141
0.10
0.200
1.600
97815E3


Similar Part No. - MAL215097402E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215097402E3 VISHAY-MAL215097402E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
More results

Similar Description - MAL215097402E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com