Electronic Components Datasheet Search |
|
38479E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
38479E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 11 page www.vishay.com For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28335 234 Revision: 09-May-08 119 AHT-DIN Vishay BCcomponents Aluminum Capacitors Axial High Temperature, DIN-Based FEATURES • Polarized aluminum electrolytic capacitors, non-solid electrolyte • Axial leads, cylindrical aluminum case, insulated with a blue sleeve • Mounting ring version not available in insulated form • Taped versions up to case Ø 15 x 30 mm available for automatic insertion • Charge and discharge proof • Extra long useful life: up to 8000 hours at 125 °C, high stability, high reliability • Extended temperature range: 125 °C (usable up to 150 °C) • High ripple current capability • Lead (Pb)-free versions are RoHS compliant APPLICATIONS • Military, industrial control, EDP and telecommunication • Smoothing, filtering, buffering in SMPS; coupling, decoupling • For use where low mounting height is important; vibration and shock resistant MARKING The capacitors are marked (where possible) with the following information: • Rated capacitance (in µF) • Tolerance on rated capacitance, code letter in accordance with IEC 60062 (T for - 10 to + 50 %) • Rated voltage (in V) at 125 °C and 85 °C • Date code, in accordance with IEC 60062 • Code for factory of origin • Name of manufacturer • Band to indicate the negative terminal • ‘+’ sign to identify the positive terminal • Series number (119) QUICK REFERENCE DATA DESCRIPTION VALUE Nominal case sizes (Ø D x L in mm) 6.5 x 18 to 10 x 25 10 x 30 to 21 x 38 Rated capacitance range, CR 4.7 to 4700 µF Tolerance on CR - 10/+ 50 % Rated voltage range, UR 10 to 200 V Category temperature range - 55 to + 125 °C Endurance test at 150 °C 500 hours 500 hours Endurance test at 125 °C 2000 hours 4000 hours Useful life at 125 °C 4000 hours 8000 hours Useful life at 40 °C, 1.8 IR applied 500 000 hours 100 0000 hours Shelf life at 0 V, 125 °C: UR = 10 to 63 V 500 hours UR = 100 and 200 V 100 hours Based on sectional specification IEC 60384-4/EN130300 Climatic category IEC 60068 55/125/56 smaller dimensions smaller dimensions higher ripple 119 AHT-DIN 125 °C 118 AHT 120 ATC 125 °C Fig.1 Component outlines RoHS COMPLIANT SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm) CR (µF) UR (V) 10 16 25 40 63 100 200 4.7 ----- 6.5 x 18 10 x 18 10 ---- 6.5 x 18 8 x 18 10 x 25 22 - - 6.5 x 18 - 8 x 18 10 x 18 - 47 - 6.5 x 18 - 8 x 18 10 x 18 10 x 25 - ----- 10 x 30 - 68 ---- 10 x 30 12.5 x 30 - 100 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 15 x 30 - 150 - - - 12.5 x 30 15 x 30 15 x 30 - |
Similar Part No. - 38479E3 |
|
Similar Description - 38479E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |