Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL213844472E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL213844472E3
Description  Aluminum Capacitors Axial Miniature, Long-Life
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213844472E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MAL213844472E3 Datasheet HTML 2Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 3Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 4Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 5Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 6Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 7Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 8Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 9Page - Vishay Siliconix MAL213844472E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28332
210
Revision: 15-Oct-08
138 AML
Vishay BCcomponents
Aluminum Capacitors
Axial Miniature, Long-Life
CAPACITANCE (C)
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR:
case Ø D x L = 6.3 x 12.7 and 7.7 x 12.7 mm
IL1 ≤ 0.02 CR xUR +3µA
case Ø D x L = 6.5 x 18 to 21 x 38 mm
IL1 ≤ 0.006 CR xUR +4µA
After 5 minutes at UR
IL5 ≤ 0.002 CR xUR +4µA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L mm:
6.3 x 12.7
typ. 20 nH
-
7.7 x 12.7
typ. 30 nH
-
6.5 x 18
typ. 15 nH
-
8 x 18
typ. 35 nH
-
10 x 18
typ. 69 nH
-
10 x 25
typ. 38 nH
-
10 x 30
typ. 38 nH
-
12.5 x 30
typ. 46 nH
-
15 x 30
typ. 48 nH
typ. 39 nH
18 x 30
typ. 50 nH
typ. 39 nH
18 x 38
typ. 54 nH
typ. 39 nH
21 x 38
typ. 59 nH
typ. 39 nH
T
amb (°C)
Fig.6 Typical multiplier of capacitance as a function of
ambient temperature
Case Ø D x L = 6.3 x 12.7 to 10 x 25 mm
C
0 = typical at 20 °C, 100 Hz
0.6
0.7
0.8
0.9
1.0
1.1
C
0
C
1
2
3
4
1
2
3
4
- 60
- 40
- 20
0
20
40
60
80
100
120
Curve 1: 6.3 V and 10 V
Curve 2: 16 V and 40 V
Curve 3: 50 V and 63 V
Curve 4: 100 V
T
amb (°C)
Fig.7 Typical multiplier of capacitance as a function of
ambient temperature
Case Ø D x L = 10 x 30 to 21 x 38 mm
C
0 = typical at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
0.7
0.8
0.9
1.0
1.1
1.2
C
C
1
0
2
1
2
Curve 1: 10 V
Curve 2: 100 V


Similar Part No. - MAL213844472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213214102E3 VISHAY-MAL213214102E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214152E3 VISHAY-MAL213214152E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214222E3 VISHAY-MAL213214222E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214332E3 VISHAY-MAL213214332E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
MAL213214471E3 VISHAY-MAL213214471E3 Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results

Similar Description - MAL213844472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
133ALL-DIN VISHAY-133ALL-DIN Datasheet
128Kb / 9P
   Aluminum Capacitors Axial Long Life, DIN-Based
Revision: 18-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com