Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL214097801E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL214097801E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214097801E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL214097801E3 Datasheet HTML 1Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 2Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 3Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 4Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 5Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 6Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 7Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 8Page - Vishay Siliconix MAL214097801E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
140 CRH
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), High Temperature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28396
70
Revision: 24-Oct-08
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us
≤ 1.15 x U
R
Reverse voltage for short periods
IEC 60384-18, subclause 4.16
Urev ≤ 1V
Current
Leakage current
After 2 minutes at UR
IL2
≤ 0.0 x C
R x UR
Inductance
Equivalent series inductance (ESL)
Ø D = 8 mm
typ. 6 nH
Ø D = 10 mm
typ. 8 nH
Ø D
≥ 12.5 mm
typ. 11 nH
Resistance
Equivalent series resistance (ESR) at 100 Hz
Calculated from tan
δ
max. and CR (see Table 4)
ESR = tan
δ/2 π f C
R
Fig.5
Typical multiplier of capacitance as function of
ambient temperature
C
0 = capacitance at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
1.2
1.1
1.0
0.9
0.8
T
amb (°C)
CAPACITANCE (C)
C
C
0
1
2
1
2
Curve 1: 10 V
Curve 2: 63 V
Fig.6
Multiplier of dissipation factor (tan
δ) as function
of ambient temperature
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
DISSIPATION FACTOR (tan
δ)
Tan
Tan
0
10
1
0.1
tan
δ
0 = typical tan δ at 20 °C, 100 Hz


Similar Part No. - MAL214097801E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214097301E3 VISHAY-MAL214097301E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097302E3 VISHAY-MAL214097302E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097303E3 VISHAY-MAL214097303E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097401E3 VISHAY-MAL214097401E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
MAL214097402E3 VISHAY-MAL214097402E3 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
More results

Similar Description - MAL214097801E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_11 Datasheet
148Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 09-May-11
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com