Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150RMI Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 150RMI
Description  Aluminum Capacitors Radial Miniature, Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150RMI Datasheet(HTML) 6 Page - Vishay Siliconix

  150RMI_07 Datasheet HTML 1Page - Vishay Siliconix 150RMI_07 Datasheet HTML 2Page - Vishay Siliconix 150RMI_07 Datasheet HTML 3Page - Vishay Siliconix 150RMI_07 Datasheet HTML 4Page - Vishay Siliconix 150RMI_07 Datasheet HTML 5Page - Vishay Siliconix 150RMI_07 Datasheet HTML 6Page - Vishay Siliconix 150RMI_07 Datasheet HTML 7Page - Vishay Siliconix 150RMI_07 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 28323
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 29-Oct-07
145
150 RMI
Aluminum Capacitors
Radial Miniature, Low Impedance
Vishay BCcomponents
RIPPLE CURRENT AND USEFUL LIFE
Table 3
ENDURANCE TEST DURATION AND USEFUL LIFE AS A FUNCTION OF CASE SIZE
NOMINAL CASE SIZE
Ø D x L
(mm)
CASE CODE
ENDURANCE
at 105
°C
(h)
USEFUL LIFE
at 105
°C
(h)
8 x 12
13
3000
4000
8 x 15
13L
3000
4000
10 x 12
14
3000
4000
10 x 16
15
3000
6000
10 x 20
16
3000
6000
12.5 x 20
17
3000
7000
12.5 x 25
18
5000
8000
12.5 x 35
18LL
5000
8000
16 x 20
19a
3000
7000
16 x 25
19
5000
10 000
16 x 31
20
5000
10 000
16 x 35
21
5000
10 000
18 x 20
1820
3000
7000
18 x 31
1831
6000
10 000
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
8090
100
110
lifetime multiplier
(1)
Tamb (°C)
IA
IR
CCC206
Fig.12 Multiplier of useful life as a function of ambient temperature and ripple current load
IA = actual ripple current at 100 kHz
IR = rated ripple current at 100 kHz, 105 °C
(1) Useful life at 105
°C and I
R applied; see Table 4


Similar Part No. - 150RMI_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
More results

Similar Description - 150RMI_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
Revision: 20-Mar-17
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com