Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

135D687X0008F2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 135D687X0008F2
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D687X0008F2 Datasheet(HTML) 2 Page - Vishay Siliconix

  135D687X0008F2 Datasheet HTML 1Page - Vishay Siliconix 135D687X0008F2 Datasheet HTML 2Page - Vishay Siliconix 135D687X0008F2 Datasheet HTML 3Page - Vishay Siliconix 135D687X0008F2 Datasheet HTML 4Page - Vishay Siliconix 135D687X0008F2 Datasheet HTML 5Page - Vishay Siliconix 135D687X0008F2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 40024
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 10-Oct-08
43
135D
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
Hermetic Seal for - 55 °C to + 200 °C Operation
Vishay
DIMENSIONS in inches [millimeters]
CASE CODE
DL1
L2
(Max.)
E
WEIGHT
(g)
(Max.)
TYPE
135D
DCLR 79/81
EQUIV.
C
T1
0.188 ± 0.016
[4.78 ± 0.41]
0.453 + 0.031 - 0.016
[11.51 + 0.79 - 0.41]
0.734
[18.64]
1.500 ± 0.250
[38.10 ± 6.35]
2.6
F
T2
0.281 ± 0.016
[7.14 ± 0.41]
0.641 + 0.031 - 0.016
[16.28 + 0.79 - 0.41]
0.922
[23.42]
2.250 ± 0.250
[57.15 ± 6.35]
6.2
T
T3
0.375 ± 0.016
[9.53 ± 0.41]
0.766 + 0.031 - 0.016
[19.46 + 0.79 - 0.41]
1.047
[26.59]
2.250 ± 0.250
[57.15 ± 6.35]
11.6
K
T4
0.375 ± 0.016
[9.53 ± 0.41]
1.062 + 0.031 - 0.016
[26.97 + 0.79 - 0.41]
1.343
[34.11]
2.250 ± 0.250
[57.15 ± 6.35]
17.7
Note
*For insulated parts, add 0.015" [0.38] to the diameter. The insulation shall lap over the ends of the capacitor body.
EL
1
E
L
2
WELD
TANTALUM
0.0253 ± 0.002 [0.64 ± 0.05] DIA.
(NO. 22 AWG TINNED NICKEL LEADS)
SOLDERABLE AND WELDABLE
D
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER*
MAX. ESR
at
+ 25 °C
120 Hz
MAX. IMP.
at
- 55 °C
120 Hz
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE
(%) at
MAX.
RIPPLE
40 kHz
Irms
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C. . . 3.6 WVDC at + 200 °C
30
C
135D306X0006C2
4.0
100
1.0
2.0
- 40
+ 10.5
+ 12
820
68
C
135D686X0006C2
3.2
60
1.0
2.0
- 40
+ 14
+ 16
960
140
F
135D147X0006F2
2.0
40
1.0
3.0
- 40
+ 14
+ 16
1200
270
F
135D277X0006F2
2.2
25
1.0
6.5
- 44
+ 17.5
+ 20
1375
330
T
135D337X0006T2
1.4
20
2.0
7.9
- 44
+ 14
+ 16
1800
560
T
135D567X0006T2
1.3
25
2.0
13.0
- 64
+ 17.5
+ 20
1900
1200
K
135D128X0006K2
1.0
20
3.0
14.0
- 80
+ 25
+ 25
2265
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C . . . 4.8 WVDC at + 200 °C
25
C
135D256X0008C2
4.0
100
1.0
2.0
- 40
+ 10.5
+ 12
820
56
C
135D566X0008C2
3.3
59
1.0
2.0
- 40
+ 14
+ 16
900
120
F
135D127X0008F2
2.6
50
1.0
2.0
- 44
+ 17.5
+ 20
1230
220
F
135D227X0008F2
2.4
30
1.0
7.0
- 44
+ 17.5
+ 20
1370
290
T
135D297X0008T2
1.8
25
2.0
6.0
- 64
+ 17.5
+ 20
1770
430
T
135D437X0008T2
1.4
25
2.0
14.0
- 64
+ 17.5
+ 20
1825
850
K
135D857X0008K2
1.0
22
4.0
16.0
- 80
+ 25
+ 25
2330
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C . . . 6 WVDC at + 200 °C
20
C
135D206X0010C2
4.0
120
1.0
2.0
- 32
+ 10.5
+ 12
820
47
C
135D476X0010C2
3.7
90
1.0
2.0
- 36
+ 14
+ 16
855
100
F
135D107X0010F2
2.4
60
1.0
4.0
- 36
+ 14
+ 16
1200
180
F
135D187X0010F2
2.2
40
1.0
7.0
- 36
+ 14
+ 16
1365
250
T
135D257X0010T2
1.8
30
2.0
10.0
- 40
+ 14
+ 16
1720
390
T
135D397X0010T2
1.5
25
2.0
16.0
- 64
+ 17.5
+ 20
1800
750
K
135D757X0010K2
1.0
23
4.0
16.0
- 80
+ 25
+ 25
2360
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C . . . 9 WVDC at + 200 °C
15
C
135D156X0015C2
4.4
155
1.0
2.0
- 24
+ 10.5
+ 12
780
33
C
135D336X0015C2
4.0
90
1.0
2.0
- 28
+ 14
+ 16
820
70
F
135D706X0015F2
2.8
75
1.0
4.0
- 28
+ 14
+ 16
1150
120
F
135D127X0015F2
2.6
50
1.0
7.0
- 28
+ 17.5
+ 20
1450
170
T
135D177X0015T2
2.4
35
2.0
10.0
- 32
+ 14
+ 16
1480
270
T
135D277X0015T2
2.2
30
2.0
16.0
- 56
+ 17.5
+ 20
1740
540
K
135D547X0015K2
1.0
23
6.0
24.0
- 80
+ 25
+ 25
2330
Note
* Part Numbers listed are for units with ± 20 % capacitance tolerance insulated capacitors. For ± 10 % tolerance capacitors, change the digit
following the letter “X” from “0” to “9”; for ± 5 %, change the digit following the letter “X" from “0” to “5”. For capacitors without outer polyester-film
insulation, change the last digit in the part number from “2” to “0”. For capacitors with a high temperature insulating sleeve, change the last digit
in the part number from “2” to “6”. For RoHS compliant add “E3”.


Similar Part No. - 135D687X0008F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D687X0008F2 VISHAY-135D687X0008F2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
135D687X0008F2 VISHAY-135D687X0008F2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results

Similar Description - 135D687X0008F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com