Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215095801E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL215095801E3
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215095801E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL215095801E3 Datasheet HTML 1Page - Vishay Siliconix MAL215095801E3 Datasheet HTML 2Page - Vishay Siliconix MAL215095801E3 Datasheet HTML 3Page - Vishay Siliconix MAL215095801E3 Datasheet HTML 4Page - Vishay Siliconix MAL215095801E3 Datasheet HTML 5Page - Vishay Siliconix MAL215095801E3 Datasheet HTML 6Page - Vishay Siliconix MAL215095801E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
150 CLZ
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip), Very Low Z
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28304
6
Revision: 03-Jul-08
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
shall be performed prior to tests mentioned below;
reflow soldering;
for maximum temperature load
refer to chapter “Mounting”
ΔC/C: ± 5 %
tan
δ≤ spec. limit
IL2 ≤ spec. limit
Endurance
IEC 60384-18/
CECC32300,
subclause 4.15
Tamb = 105 °C; UR applied;
2000 hours
UR =6.3 V; ΔC/C: ± 25 %
UR ≥ 10 V; ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
case size
≤10 x 10 x 10: 2500 hours
case size = 10 x 10 x 14: 3000 hours,
ΔC/C: ± 50 %
tan
δ≤ 3 x spec. limit
IL2 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-18/
CECC32300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
for requirements
see ‘Endurance test’ above


Similar Part No. - MAL215095801E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215095473E3 VISHAY-MAL215095473E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215095475E3 VISHAY-MAL215095475E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215095478E3 VISHAY-MAL215095478E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215095801E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com