Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150U100DL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 150U100DL
Description  Standard Recovery Diodes (Stud Version), 150 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150U100DL Datasheet(HTML) 3 Page - Vishay Siliconix

  150U100DL Datasheet HTML 1Page - Vishay Siliconix 150U100DL Datasheet HTML 2Page - Vishay Siliconix 150U100DL Datasheet HTML 3Page - Vishay Siliconix 150U100DL Datasheet HTML 4Page - Vishay Siliconix 150U100DL Datasheet HTML 5Page - Vishay Siliconix 150U100DL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93490
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 21-May-08
3
150U(R).. Series
Standard Recovery Diodes
(Stud Version), 150 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Average Forward Current (A)
80
100
120
140
160
180
0
50
100
150
200
30°
60°
90°
120°
180°
Conduction Angle
150U(R)
RthJC (DC) = 0.3 K/W
Average Forward Current (A)
80
100
120
140
160
180
0
40
80
120
160
200
30°
60°
90°
180°
DC
120°
150U(R)
RthJC (DC) = 0.3 K/W
Conduction Period
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
80
100120
140160
180
RthSA
=0.05
K/W
- Delta
R
0.2
K/W
0.4
K
/W
0.6
K/W
1.2 K/
W
0
50
100
150
200
250
300
050
100
150
200
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
150U(R)
Tj = 180°C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
80
100120
140160
180
RthSA
=0.05
K/W
- Delta
R
0.2
K/W
0.4
K/W
0.6
K/W
0.8 K/W
1.2 K/W
0
50
100
150
200
250
300
0
50
100
150200
250300
RMS Limit
Conduction Period
180°
120°
90°
60°
30°
DC
150U(R) Series
Tj = 180°C


Similar Part No. - 150U100DL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
150U100DL IRF-150U100DL Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150U100DL VISHAY-150U100DL Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
More results

Similar Description - 150U100DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
45LR VISHAY-45LR_12 Datasheet
198Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com