Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215097002E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215097002E3
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215097002E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215097002E3 Datasheet HTML 1Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 2Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 3Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 4Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 5Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 6Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 7Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 8Page - Vishay Siliconix MAL215097002E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 30-Oct-08
59
150 CRZ
Aluminum Capacitors
SMD (Chip), Very Low Z
Vishay BCcomponents
Fig.2 Dimensional Outline
Table 1
Table 2
Note
Detailed tape dimensions see section ‘PACKAGING’.
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print layout
and/or adjacent components.
For recommended soldering pad dimensions, refer to Fig.3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
component during processing.
For maximum conditions refer to Fig.4.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION
SHALL
BE
THE
MINIMUM
NECESSARY
REQUIRED
TO
ENSURE GOOD SOLDERING CONNECTIONS. HOWEVER, THE
SPECIFIED
MAXIMUM
CURVES
SHOULD
NEVER
BE
EXCEEDED.
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
Lx Wx H
CASE
CODE
Lmax.
Wmax.
Hmax.
Ø D
Bmax.
SL1max.
R ± 0.1
T ± 0.1
MASS
(g)
8x 8 x 10
0810
8.5
8.5
10.5
8.0
1.0
2.2
9.9
-
-
≈ 1.0
10 x 10 x 10
1010
10.5
10.5
10.5
10.0
1.0
3.5
11.8
-
-
≈ 1.3
10 x 10 x 14
1014
10.5
10.5
14.3
10.0
1.0
3.5
11.8
-
-
≈ 1.5
12.5 x 12.5 x 13
1213
12.8
12.8
14.0
12.5
1.3
3.6
14.9
3.7
2.4
≈ 2.6
12.5 x 12.5 x 16
1216
12.8
12.8
16.5
12.5
1.3
3.6
14.9
3.7
2.4
≈ 2.8
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL
CASE SIZE
LxW x H
CASE
CODE
PITCH
P1
TAPE WIDTH
W
TAPE THICKNESS
T2
REEL DIAMETER
PACKAGING
QUANTITY
PER REEL
8x 8 x 10
0810
16
24
11.3
380
500
10 x 10 x 10
1010
16
24
11.3
380
500
10 x 10 x 14
1014
16
24
14.8
330
250
12.5 x 12.5 x 13
1213
20
24
15.5
380
250
12.5 x 12.5 x 16
1216
24
32
17.5
380
200
2-pin:
W
L1
S
L
B
H
max.
0.3
max.
D
4-pin:
H
max.
0.3
max.
D
W
L1
S
L
B
R
T
≤ 10 x 10 x 14 mm
≥ 12.5 x 12.5 x 13 mm


Similar Part No. - MAL215097002E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215097301E3 VISHAY-MAL215097301E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215097311E3 VISHAY-MAL215097311E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215097312E3 VISHAY-MAL215097312E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215097401E3 VISHAY-MAL215097401E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
MAL215097402E3 VISHAY-MAL215097402E3 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
More results

Similar Description - MAL215097002E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_11 Datasheet
153Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 17-Jun-11
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com