Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150U100D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 150U100D
Description  Standard Recovery Diodes (Stud Version), 150 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

150U100D Datasheet(HTML) 1 Page - Vishay Siliconix

  150U100D Datasheet HTML 1Page - Vishay Siliconix 150U100D Datasheet HTML 2Page - Vishay Siliconix 150U100D Datasheet HTML 3Page - Vishay Siliconix 150U100D Datasheet HTML 4Page - Vishay Siliconix 150U100D Datasheet HTML 5Page - Vishay Siliconix 150U100D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93490
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 21-May-08
1
Standard Recovery Diodes
(Stud Version), 150 A
150U(R).. Series
Vishay High Power Products
FEATURES
• Diffused diode
• High voltage ratings up to 1200 V
• High surge current capabilities
• Stud cathode and stud anode version
• Hermetic metal case
• RoHS compliant
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
•Welders
• Power supplies
• Machine tool controls
• High power drives
• Medium traction applications
• Battery charges
• Freewheeling diodes
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
150 A
DO-205AA (DO-8)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
150
A
TC
125
°C
IF(RMS)
235
A
IFSM
50 Hz
3000
60 Hz
3140
I2t
50 Hz
45
kA2s
60 Hz
41
VRRM
Range
600 to 1200
V
TJ
- 40 to 180
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
150U(R)..
60
600
700
15
80
800
900
100
1000
1100
120
1200
1300


Similar Part No. - 150U100D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
150U100D IRF-150U100D Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150U100D VISHAY-150U100D Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
International Rectifier
150U100DL IRF-150U100DL Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
150U100DL VISHAY-150U100DL Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
logo
International Rectifier
150U100DM IRF-150U100DM Datasheet
87Kb / 6P
   STANDARD RECOVERY DIODES
More results

Similar Description - 150U100D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-150U VISHAY-VS-150U_V01 Datasheet
154Kb / 7P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
VS-45LR VISHAY-VS-45LR_V01 Datasheet
196Kb / 9P
   Standard Recovery Diodes, (Stud Version), 150 A
01-Jan-2022
logo
New Jersey Semi-Conduct...
45L NJSEMI-45L Datasheet
66Kb / 2P
   Standard Recovery Diodes (Stud Version), 150 A
logo
Vishay Siliconix
45LR VISHAY-45LR Datasheet
166Kb / 6P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
VS-45LR VISHAY-VS-45LR Datasheet
214Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
150U60D VISHAY-150U60D_12 Datasheet
115Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
45LR VISHAY-45LR_12 Datasheet
198Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 21-May-08
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com