Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHSM-4825 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IHSM-4825
Description  High Current, Surface Mount Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHSM-4825 Datasheet(HTML) 1 Page - Vishay Siliconix

  IHSM-4825 Datasheet HTML 1Page - Vishay Siliconix IHSM-4825 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 34019
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
69
IHSM-4825
Vishay Dale
High Current, Surface Mount Inductor
FEATURES
• Flame retardant encapsulant (UL 94V-0)
• Completely encapsulated winding provides
superior environmental protection and
moisture resistance
• High current unit in surface mount package
printed with model, inductance value and date code
• Compatible with infrared or conventional reflow soldering
methods
• Pick and place compatible
• Tape and reel packaging for automatic handling
STANDARD ELECTRICAL SPECIFICATIONS
IND.
at 1 kHz
(µH)
DCR
MAX.
(Ohms)
RATED
CURRENT
(Max. Amps)
INCREMENTAL
CURRENT
(Amps Approx.)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
0.013
0.018
0.02
0.021
0.029
0.034
0.038
0.042
0.047
0.051
0.058
0.063
0.071
0.079
0.089
0.119
0.152
0.179
0.222
0.315
0.362
0.397
0.446
0.604
0.672
0.735
0.998
1.37
1.58
1.77
2.51
2.73
3.36
3.75
4.31
6.04
6.9
8.6
7.6
6.9
6.5
5.7
5.1
4.6
4.3
4.0
3.8
3.5
3.3
3.1
2.7
2.3
1.9
1.7
1.6
1.3
1.19
1.07
0.95
0.87
0.8
0.73
0.66
0.58
0.5
0.46
0.41
0.37
0.34
0.32
0.3
0.28
0.26
0.24
4.1
3.8
3.5
3.2
2.9
2.6
2.4
2.2
2.0
1.9
1.7
1.5
1.4
1.3
1.2
1.1
1.02
0.95
0.88
0.8
0.74
0.68
0.62
0.56
0.5
0.45
0.4
0.35
0.32
0.3
0.28
0.26
0.24
0.23
0.2
0.17
0.15
PART MARKING
- Model
- Inductance value
- Date code
APPLICATIONS
Excellent power line noise filters, filters for switching
regulated power supplies, DC/DC converters, SCR and
Triac controls and RFI suppression.
ELECTRICAL SPECIFICATIONS
Inductance:Measured at 1 volt with no DC current
Inductance Tolerance: ± 15 %
Incremental Current:The typical current at which the
inductance will be decreased by 5 % from its initial zero
DC value
Operating Temperature: - 55 °C to + 125 °C (no load);
- 55 °C to + 85 °C (at full rated current)
MATERIAL SPECIFICATIONS
Core: High resistivity ferrite core
Encapsulant: Epoxy
Terminals: 100 % Sn over Ni
DIMENSIONS in inches [millimeters]
DESCRIPTION
IHSM-4825
3.9 µH
± 15 %
ER
e3
MODEL
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
IH
S
M
4
8
25
E
R
3R
9
L
RoHS
COMPLIANT
0.075 ± 0.010
[1.91 ± 0.25]
0.480 ± 0.020
[12.19 ± 0.51]
0.225
[5.72]
Max.
0.540 [13.72]
Max.
0.170
? 0.010
[4.32
? 0.25]
0.250 [6.35]
Max.
0.660 [16.764]
Recommended Pad Layout
0.180 [4.572]
0.180 [4.572]
0.300 [7.62]
0.220
[5.588]
0.220
[5.588]


Similar Part No. - IHSM-4825

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHSM-4825 VISHAY-IHSM-4825 Datasheet
92Kb / 1P
   High Current, Surface Mount Inductor
Revision 20-Jan-03
IHSM-4825 VISHAY-IHSM-4825 Datasheet
72Kb / 2P
   High Current, Surface Mount Inductors - Wirewound Molded
Revision: 20-Sep-13
IHSM-4825 VISHAY-IHSM-4825 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
IHSM-4825 VISHAY-IHSM-4825 Datasheet
72Kb / 2P
   High Current, Surface Mount Inductors - Wirewound Molded
Revision: 20-Sep-13
IHSM-4825 VISHAY-IHSM-4825 Datasheet
60Kb / 2P
   High Current, Surface Mount Inductors - Wirewound Molded
01-Jan-2022
More results

Similar Description - IHSM-4825

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDCP-3020 VISHAY-IDCP-3020 Datasheet
106Kb / 2P
   High Current, Surface Mount Inductor
Revision: 09-Jun-05
IDC-7328 VISHAY-IDC-7328 Datasheet
113Kb / 1P
   High Current, Surface Mount Inductor
Revision 28-Aug-02
IDCP-1813 VISHAY-IDCP-1813_05 Datasheet
115Kb / 2P
   High Current, Surface Mount Inductor
Revision: 09-Jun-05
IDC-2512 VISHAY-IDC-2512_05 Datasheet
99Kb / 2P
   High Current, Surface Mount Inductor
Revision: 12-Apr-05
IDCP-2218 VISHAY-IDCP-2218_06 Datasheet
114Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3114 VISHAY-IDCP-3114_06 Datasheet
112Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3916 VISHAY-IDCP-3916 Datasheet
113Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IHSM-7832 VISHAY-IHSM-7832 Datasheet
110Kb / 1P
   High Current, Surface Mount Inductor
Revision 20-Jan-03
IDCP-2218 VISHAY-IDCP-2218 Datasheet
127Kb / 2P
   High Current, Surface Mount Inductor
Revision 09-Jun-05
IDC-5020 VISHAY-IDC-5020 Datasheet
86Kb / 1P
   High Current, Surface Mount Inductor
Revision: 20-Sep-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com