Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL66-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL66-1
Description  Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL66-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL66-1 Datasheet HTML 1Page - Vishay Siliconix IL66-1 Datasheet HTML 2Page - Vishay Siliconix IL66-1 Datasheet HTML 3Page - Vishay Siliconix IL66-1 Datasheet HTML 4Page - Vishay Siliconix IL66-1 Datasheet HTML 5Page - Vishay Siliconix IL66-1 Datasheet HTML 6Page - Vishay Siliconix IL66-1 Datasheet HTML 7Page - Vishay Siliconix IL66-1 Datasheet HTML 8Page - Vishay Siliconix IL66-1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83638
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 13-Dec-07
1
Optocoupler, Photodarlington Output,
with Internal RBE (Single, Dual, Quad Channel)
IL66/ILD66/ILQ66
Vishay Semiconductors
DESCRIPTION
IL66, ILD66, and ILQ66 are optically coupled isolators
employing gallium arsenide infrared emitters and silicon
photodarlington detectors. Switching can be accomplished
while maintaining a high degree of isolation between driving
and load circuits, with no crosstalk between channels.
FEATURES
• Internal RBE for high stability
• Four available CTR categories per package
type
•BVCEO > 60 V
• Standard DIP packages
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1
• BSI IEC 60950 IEC 60065
1
2
3
6
5
4
A
C
NC
Single Channel
1
2
3
4
8
7
6
5
A
C
C
A
E
C
C
E
Dual Channel
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
Quad Channel
i179014
B
C
E
ORDER INFORMATION
PART
REMARKS
IL66-1
CTR
≥ 100 %, DIP-6
IL66-2
CTR
≥ 300 %, DIP-6
IL66-3
CTR
≥ 400 %, DIP-6
IL66-4
CTR
≥ 500 %, DIP-6
ILD66-1
CTR
≥ 100 %, DIP-8
ILD66-2
CTR
≥ 300 %, DIP-8
ILD66-3
CTR
≥ 400 %, DIP-8
ILD66-4
CTR
≥ 500 %, DIP-8
ILQ66-1
CTR
≥ 100 %, DIP-16
ILQ66-2
CTR
≥ 300 %, DIP-16
ILQ66-3
CTR
≥ 400 %, DIP-16
ILQ66-4
CTR
≥ 500 %, DIP-16


Similar Part No. - IL66-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
   PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
   PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
   Optocoupler, Photodarlington Output, With Internal RBE
Rev. 1.5, 26-Oct-04
IL66B VISHAY-IL66B Datasheet
112Kb / 6P
   Optocoupler, Photodarlington Output, with Internal RBE
Rev. 1.5, 09-Nov-05
IL66B-1 VISHAY-IL66B-1 Datasheet
114Kb / 5P
   Optocoupler, Photodarlington Output, With Internal RBE
Rev. 1.5, 26-Oct-04
More results

Similar Description - IL66-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
   Optocoupler, Photodarlington Output, With Internal RBE
Rev. 1.5, 26-Oct-04
IL66B VISHAY-IL66B_05 Datasheet
112Kb / 6P
   Optocoupler, Photodarlington Output, with Internal RBE
Rev. 1.5, 09-Nov-05
IL766 VISHAY-IL766 Datasheet
362Kb / 8P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.4, 26-Oct-04
ILD766 VISHAY-ILD766 Datasheet
130Kb / 6P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.5, 03-Aug-11
IL766B VISHAY-IL766B Datasheet
101Kb / 5P
   Optocoupler, Photodarlington Output, AC Input, Internal RBE
Rev. 1.4, 09-Nov-05
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com