Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215153479E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL215153479E3
Description  Aluminum Capacitors Radial Long-Life, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215153479E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL215153479E3 Datasheet HTML 1Page - Vishay Siliconix MAL215153479E3 Datasheet HTML 2Page - Vishay Siliconix MAL215153479E3 Datasheet HTML 3Page - Vishay Siliconix MAL215153479E3 Datasheet HTML 4Page - Vishay Siliconix MAL215153479E3 Datasheet HTML 5Page - Vishay Siliconix MAL215153479E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28319
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 27-May-08
2
151 RLH
Aluminum Capacitors
Radial Long-Life, High Voltage
Vishay
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Fig.4 Form TFA: Taped in box (ammopack)
Ø D
Ø D
F
4 + 1
- 0
Fig.3 Form CB: Cut leads
Ø D
Ø D
15
min
5 min
F
Fig.2 Form CA: Long leads
Case Ø D x L
≤ 16 x 31 mm
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
PER BOX
FORM
CA
FORM
CB
FORM
TFA
10 x 12
14
0.6
10.5
13.5
5.0 ± 0.5
≈ 1.6
1000
500
800
10 x 16
15
0.6
10.5
17.5
5.0 ± 0.5
≈ 1.9
500
500
800
10 x 20
16
0.6
10.5
22.0
5.0 ± 0.5
≈ 2.2
500
500
800
12.5 x 20
17
0.6
13.0
22.0
5.0 ± 0.5
≈ 4.0
500
500
500
12.5 x 25
18
0.6
13.0
27.0
5.0 ± 0.5
≈ 5.0
250
250
500
16 x 20
19 a
0.8
16.5
22.0
7.5 ± 0.5
≈ 6.0
250
250
250
16 x 25
19
0.8
16.5
27.0
7.5 ± 0.5
≈ 8.0
250
250
250
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
≈ 9.0
100
100
250
16 x 35
21
0.8
16.5
37.5
7.5 ± 0.5
≈ 11.0
100
100
-
18 x 20
1820
0.8
18.5
22.0
7.5 ± 0.5
≈ 8.0
100
100
-
18 x 25
1825
0.8
18.5
27.0
7.5 ± 0.5
≈ 10.0
100
100
-
18 x 31
1831
0.8
18.5
33.5
7.5 ± 0.5
≈ 12.5
100
100
-
18 x 35
22
0.8
18.5
37.5
7.5 ± 0.5
≈ 14.5
100
100
-


Similar Part No. - MAL215153479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215153479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com