Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215364221E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL215364221E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215364221E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL215364221E3 Datasheet HTML 1Page - Vishay Siliconix MAL215364221E3 Datasheet HTML 2Page - Vishay Siliconix MAL215364221E3 Datasheet HTML 3Page - Vishay Siliconix MAL215364221E3 Datasheet HTML 4Page - Vishay Siliconix MAL215364221E3 Datasheet HTML 5Page - Vishay Siliconix MAL215364221E3 Datasheet HTML 6Page - Vishay Siliconix MAL215364221E3 Datasheet HTML 7Page - Vishay Siliconix MAL215364221E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
153 CLV
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Long Life Vertical
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28302
6
Revision: 16-May-08
RIPPLE CURRENT AND USEFUL LIFE
Table 5
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
lifetime multiplier
(1)
Tamb (°C)
IA
IR
CCC206
I
A = actual ripple current at 100 Hz or 120 Hz
I
R = rated ripple current at 100 Hz or 120 Hz
at 105 °C
For case codes 0405 to 1010 max. I
A/IR = 2.4
(1) Useful life at 105 °C and I
R applied:
case codes 0405 to 0605: 2000 h
case codes 0807 to 1014: 3000 h
Fig.9 Multiplier of useful life as a function of ambient temperature and ripple current load
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 16 V
UR =25or 35 V
UR = 50 to 100 V
50 or 60
0.80
0.80
0.80
100 or 120
1.00
1.00
1.00
300
1.10
1.15
1.20
1000
1.15
1.25
1.35
3000
1.20
1.35
1.45
≥ 10 000
1.25
1.40
1.50


Similar Part No. - MAL215364221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215370109E3 VISHAY-MAL215370109E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370221E3 VISHAY-MAL215370221E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370229E3 VISHAY-MAL215370229E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370339E3 VISHAY-MAL215370339E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
MAL215370478E3 VISHAY-MAL215370478E3 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
More results

Similar Description - MAL215364221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CRV VISHAY-153CRV_08 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com