Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHD144T2KTCR2BQB Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # VHD144T2KTCR2BQB
Description  Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VHD144T2KTCR2BQB Datasheet(HTML) 4 Page - Vaishali Semiconductor

  VHD144T2KTCR2BQB Datasheet HTML 1Page - Vaishali Semiconductor VHD144T2KTCR2BQB Datasheet HTML 2Page - Vaishali Semiconductor VHD144T2KTCR2BQB Datasheet HTML 3Page - Vaishali Semiconductor VHD144T2KTCR2BQB Datasheet HTML 4Page - Vaishali Semiconductor VHD144T2KTCR2BQB Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VHD200, VHD144
Vishay Foil Resistors Bulk Metal
® Foil Hermetically sealed, Small Package,
Voltage Dividers with TCR Tracking of 0.1 ppm/°C
and Tolerance Match down to 0.001 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63036
4
Revision: 13-Nov-07
TABLE 3 - VHD144 AND VHD200 POPULAR RATIOS (other values available upon request)
VCODE
R1
R2
VCODE
R1
R2
V0009
20K
20K
V0002
5K
5K
V0010
20K
10K
V0026
3K
19K2
V0100
20K
2K
V0156
3K
6K
V0055
19K4
9K7
V0158
2K7
10K
V0223
17K5
20K
V0058
2K
20K
V0097
15K
15K
V0030
2K
18K
V0094
10K
20K
V0029
2K
4K
V0001
10K
10K
V0103
2K
3K
V0042
10K
8K323
V0059
2K
2K
V0006
10K
2K
V0103
1K5
3K
V0226
9K
10K
V0032
1K
16K
V0003
9K
1K
V0121
1K
2K
V0013
8K
16K
V0004
1K
1K
V0107
6K
20K
V0022
511R
16K2
V0014
6K
7K
V0162
500R
15K
V0159
5K5
7K7
V0091
500R
500R
V0005
5K
10K
V0061
300R
300R


Similar Part No. - VHD144T2KTCR2BQB

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHD1-DIP CUI-VHD1-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S12-DIP CUI-VHD1-S12-S12-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S15-DIP CUI-VHD1-S12-S15-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S5-DIP CUI-VHD1-S12-S5-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S9-DIP CUI-VHD1-S12-S9-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VHD144T2KTCR2BQB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
E102 VISHAY-E102 Datasheet
106Kb / 3P
   High Precision Bulk Metal짰 Foil Extended Value Range Resistor, with TCR of 2 ppm/째C, Tolerance to 0.005 %, and Power Rated at 0.6 W
Revision: 27-Feb-08
300144 VISHAY-300144 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com