Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215050331E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL215050331E3
Description  Aluminum Capacitors Radial Miniature, Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215050331E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL215050331E3 Datasheet HTML 1Page - Vishay Siliconix MAL215050331E3 Datasheet HTML 2Page - Vishay Siliconix MAL215050331E3 Datasheet HTML 3Page - Vishay Siliconix MAL215050331E3 Datasheet HTML 4Page - Vishay Siliconix MAL215050331E3 Datasheet HTML 5Page - Vishay Siliconix MAL215050331E3 Datasheet HTML 6Page - Vishay Siliconix MAL215050331E3 Datasheet HTML 7Page - Vishay Siliconix MAL215050331E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28323
146
Revision: 29-Oct-07
150 RMI
Vishay BCcomponents
Aluminum Capacitors
Radial Miniature, Low Impedance
Table 4
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
Ø = 8 to 12.5 mm
Ø = 16 mm and 18 mm
100
0.65
0.76
300
0.76
0.85
1000
0.85
0.91
3000
0.89
0.94
10 000
0.90
0.96
30 000
0.97
0.98
100 000
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
for test duration see Table 3
Δ C/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
for test duration see Table 3
Δ C/C: ± 30 %
tan
δ≤ 3 x spec. limit
IL2 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 h
after test: UR to be applied for 30 min., 24 to 48 h
before measurement
Δ C/C: ± 20 %
tan
δ≤ 2 x spec. limit
IL2 ≤ spec. limit


Similar Part No. - MAL215050331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215095001E3 VISHAY-MAL215095001E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095002E3 VISHAY-MAL215095002E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095011E3 VISHAY-MAL215095011E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095101E3 VISHAY-MAL215095101E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215095102E3 VISHAY-MAL215095102E3 Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
More results

Similar Description - MAL215050331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 10-Oct-12
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 16-Nov-05
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
Revision: 06-Oct-16
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
01-Jan-2023
135RLI VISHAY-135RLI Datasheet
218Kb / 7P
   Aluminum Capacitors Radial Low Impedance
Revision: 16-Nov-05
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
01-Jan-2023
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
Revision: 20-Mar-17
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com