Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL203 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL203
Description  Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL203 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL203 Datasheet HTML 1Page - Vishay Siliconix IL203 Datasheet HTML 2Page - Vishay Siliconix IL203 Datasheet HTML 3Page - Vishay Siliconix IL203 Datasheet HTML 4Page - Vishay Siliconix IL203 Datasheet HTML 5Page - Vishay Siliconix IL203 Datasheet HTML 6Page - Vishay Siliconix IL203 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83613
310
Rev. 1.5, 08-May-08
IL201/IL202/IL203
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Low Input Current, Low Input Current,
with Base Connection
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
iil201_01
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - Forward Current (mA)
T
A = - 55 °C
TA = 100 °C
T
A = 25 °C
iil201_02
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA
TA = 25 °C
CTRce(sat) VCE = 0.4 V
iil201_03
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V, I
0 V
F = 10 mA, TA = 25 °C
TA = 50 °C
CTRce(sat) VCE = 0.4 V
iil201_04
100
10
1
0.1
0.0
0.5
1.0
1.5
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V, IF = 10 mA
TA = 25 °C
CTRce(sat) VCE = 0.4 V
TA = 70 °C
iil201_05
0.1
1
10
100
1.5
1.0
0.5
0.0
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V, IF = 10 mA, TA= 25 °C
CTRce(sat) VCE = 0.4 V
TA = 85 °C
IF - LED Current (mA)
iil201_06
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
25 °C
IF - LED Current (mA)


Similar Part No. - IL203

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL203 SIEMENS-IL203 Datasheet
69Kb / 3P
   PHOTOTRANSISTOR OPTOCOUPLER
More results

Similar Description - IL203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
IL215AT VISHAY-IL215AT Datasheet
122Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Rev. 1.9, 08-May-08
VO215AT VISHAY-VO215AT Datasheet
130Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Rev. 1.0, 02-Dec-08
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608 VISHAY-SFH608_08 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com