Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D567X0010F2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 138D567X0010F2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D567X0010F2 Datasheet(HTML) 4 Page - Vishay Siliconix

  138D567X0010F2 Datasheet HTML 1Page - Vishay Siliconix 138D567X0010F2 Datasheet HTML 2Page - Vishay Siliconix 138D567X0010F2 Datasheet HTML 3Page - Vishay Siliconix 138D567X0010F2 Datasheet HTML 4Page - Vishay Siliconix 138D567X0010F2 Datasheet HTML 5Page - Vishay Siliconix 138D567X0010F2 Datasheet HTML 6Page - Vishay Siliconix 138D567X0010F2 Datasheet HTML 7Page - Vishay Siliconix 138D567X0010F2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
138D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors
Hermetically-Sealed with True Glass-to-Tantalum Seal
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40025
20
Revision: 17-Mar-08
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX. IMP.
at
- 55 °C
120 Hz
(
Ω)
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE (%)
at
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C
560
F
138D567X0006F2
2.5
20
3
14
- 80
+ 16
+ 20
820
F
138D827X0006F2
2.5
18
3
14
- 88
+ 16
+ 20
1500
T
138D158X0006T2
1.5
18
5
20
- 90
+ 20
+ 25
2200
K
138D228X0006K2
1
13
6
24
- 90
+ 25
+ 30
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C
180
C
138D187X0008C2
3
45
2
9
- 60
+ 13
+ 16
470
F
138D477X0008F2
2.5
25
3
14
- 75
+ 16
+ 20
680
F
138D687X0008F2
2.5
22
3
14
- 83
+ 16
+ 20
1800
K
138D188X0008K2
1
14
7
25
- 90
+ 20
+ 30
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C
100
C
138D107X0010C2
3.0
60
2
9
- 50
+ 13
+ 16
150
C
138D157X0010C2
3
54
2
9
- 55
+ 13
+ 16
390
F
138D397X0010F2
2.5
30
3
16
- 70
+ 16
+ 20
560
F
138D567X0010F2
2.5
27
3
16
- 77
+ 16
+ 20
1200
T
138D128X0010T2
1.5
18
5
20
- 88
+ 20
+ 25
1500
K
138D158X0010K2
1
15
7
25
- 88
+ 25
+ 30
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C
68
C
138D686X0015C2
4
80
2
9
- 40
+ 13
+ 16
100
C
138D107X0015C2
4
72
2
9
- 44
+ 13
+ 16
270
F
138D277X0015F2
2.5
35
3
16
- 60
+ 16
+ 20
390
F
138D397X0015F2
2.5
31
3
16
- 16
+ 16
+ 20
540
T
138D547X0015T2
1.8
25
6
24
- 70
+ 20
+ 25
820
T
138D827X0015T2
1.8
22
6
24
- 77
+ 20
+ 25
1000
K
138D108X0015K2
1.2
17
8
32
- 77
+ 25
+ 30
20 WVDC at + 85 °C . . . 13 WVDC at + 125 °C
56
C
138D566X0020C2
4.3
90
2
9
- 38
+ 13
+ 16
82
C
138D826X0020C2
4.3
81
2
9
- 43
+ 13
+ 16
220
F
138D227X0020F2
2.7
35
3
16
- 60
+ 16
+ 20
330
F
138D337X0020F2
2.7
31
3
16
- 66
+ 16
+ 20
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C
47
C
138D476X0025C2
4.3
100
2
9
- 35
+ 12
+ 15
68
C
138D686X0025C2
4.3
90
2
9
- 40
+ 12
+ 15
180
F
138D187X0025F2
2.7
37
3
16
- 55
+ 13
+ 16
270
F
138D277X0025F2
2.7
33
3
16
- 62
+ 13
+ 16
350
T
138D357X0025T2
1.8
27
7
28
- 60
+ 20
+ 25
30 WVDC at + 85 °C . . . 20 WVDC at + 125 °C
39
C
138D396X0030C2
5.2
110
2
9
- 32
+ 12
+ 15
56
C
138D566X0030C2
5.2
100
2
9
- 38
+ 12
+ 15
150
F
138D157X0030F2
2.5
40
3
16
- 50
+ 13
+ 16
220
F
138D227X0030F2
2.5
36
3
16
- 60
+ 13
+ 16
330
T
138D337X0030T2
1.8
28
8
32
- 50
+ 20
+ 25
470
T
138D477X0030T2
1.8
25
8
32
- 65
+ 20
+ 25
560
K
138D567X0030K2
1.3
20
9
36
- 65
+ 25
+ 30
Note
(1) Part Numbers listed are for units with outer plastic-film insulation and a capacitance tolerance of ± 20 %. For bare case units, substitute “0”
for “2” at the end of the Part Number. For capacitors with ± 10 % tolerance, change the digit following the letter “X” to “9”. For RoHS compliant
add “E3“.


Similar Part No. - 138D567X0010F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D567X0006T2 VISHAY-138D567X0006T2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
More results

Similar Description - 138D567X0010F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com