Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215162479E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215162479E3
Description  Aluminum Capacitors Radial Long-Life, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215162479E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215162479E3 Datasheet HTML 1Page - Vishay Siliconix MAL215162479E3 Datasheet HTML 2Page - Vishay Siliconix MAL215162479E3 Datasheet HTML 3Page - Vishay Siliconix MAL215162479E3 Datasheet HTML 4Page - Vishay Siliconix MAL215162479E3 Datasheet HTML 5Page - Vishay Siliconix MAL215162479E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
151 RLH
Vishay
Aluminum Capacitors
Radial Long-Life, High Voltage
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28319
3
Revision: 27-May-08
Note
Unless otherwise specified, all electrical values in Table 2 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 151 series
4.7µF/400V; ± 20 %
Nominal case size: Ø 10 x 20 mm; Form TFA
Ordering Code: MAL215136478E3
Former 12NC: 2222 151 36478
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 Hz, 105 °C
IL1
max. leakage current after 1 minute at UR
Tan
δ
max. dissipation factor at 100 Hz
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL1
1min
(µA)
Tan
δ
100 Hz
Z
10 kHz
(
Ω)
ORDERING CODE
MAL2151.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
160
10
10 x 16
95
118
0.12
6.3
51109E3
61109E3
31109E3
22
10 x 20
145
176
0.12
3.2
51229E3
61229E3
31229E3
33
12.5 x 20
190
228
0.12
2.3
51339E3
61339E3
31339E3
47
12.5 x 25
280
296
0.12
1.7
51479E3
61479E3
31479E3
47
16 x 20
280
296
0.12
1.7
91475E3
91476E3
91473E3
100
16 x 25
380
550
0.12
1.1
51101E3
61101E3
31101E3
100
18 x 20
380
550
0.12
1.1
91105E3
91106E3
-
220
18 x 35
630
1126
0.12
0.8
51221E3
61221E3
-
200
4.7
10 x 12
60
96
0.12
13.0
52478E3
62478E3
32478E3
10
10 x 16
95
130
0.12
6.3
52109E3
62109E3
32109E3
22
10 x 20
145
202
0.12
3.2
52229E3
62229E3
32229E3
33
12.5 x 20
190
268
0.12
2.3
52339E3
62339E3
32339E3
47
12.5 x 25
280
352
0.12
1.7
52479E3
62479E3
32479E3
47
16 x 20
280
352
0.12
1.7
92475E3
92476E3
92473E3
100
16 x 31
410
670
0.12
1.1
52101E3
62101E3
32101E3
100
18 x 25
410
670
0.12
1.1
92105E3
92106E3
-
250
4.7
10 x 12
60
105
0.12
13.0
53478E3
63478E3
33478E3
10
10 x 20
105
145
0.12
6.3
53109E3
63109E3
33109E3
22
12.5 x 25
180
235
0.12
3.2
53229E3
63229E3
33229E3
22
16 x 20
180
235
0.12
3.2
93225E3
93226E3
93223E3
33
12.5 x 25
250
318
0.12
2.3
53339E3
63339E3
33339E3
33
16 x 20
250
318
0.12
2.3
93335E3
93336E3
93333E3
47
16 x 25
300
423
0.12
1.7
53479E3
63479E3
33479E3
47
18 x 20
300
423
0.12
1.7
93475E3
93476E3
-
100
16 x 31
410
820
0.12
1.1
53101E3
63101E3
33101E3
100
18 x 25
410
820
0.12
1.1
93105E3
93106E3
-


Similar Part No. - MAL215162479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215162479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com