Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL217573339E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL217573339E3
Description  Aluminum Capacitors High Temperature Solid Electrolytic SMD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL217573339E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL217573339E3 Datasheet HTML 1Page - Vishay Siliconix MAL217573339E3 Datasheet HTML 2Page - Vishay Siliconix MAL217573339E3 Datasheet HTML 3Page - Vishay Siliconix MAL217573339E3 Datasheet HTML 4Page - Vishay Siliconix MAL217573339E3 Datasheet HTML 5Page - Vishay Siliconix MAL217573339E3 Datasheet HTML 6Page - Vishay Siliconix MAL217573339E3 Datasheet HTML 7Page - Vishay Siliconix MAL217573339E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
175 TMP
Aluminum Capacitors
High Temperature Solid Electrolytic SMD
Vishay BCcomponents
Document Number: 28305
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 04-Nov-08
77
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Tamb = 85 °C:
at UR = 4 to 16 V
Urev < 0.5 UR
at UR = 20 V
Urev < 0.4 UR
at UR = 25 to 40 V
Urev < 0.3 UR
Tamb = 125 °C:
at UR = 4 to 16 V
Urev < 0.4 UR
at UR = 20 V
Urev < 0.2 UR
at UR = 25 to 40 V
Urev < 0.1 UR
Tamb = 175 °C:
at UR = 4 to 16 V
Urev < 0.3 UR
at UR = 20 V
Urev < 0.15 UR
at UR = 25 to 40 V
Urev < 0.1 UR
Maximum peak AC voltage
Reverse voltage applied
≤ 2V
Maximum peak AC voltage, without
Tamb = 85 °C:
reverse voltage applied
at f
≤ 0.1 Hz
0.30 x UR
at 0.1 Hz < f
≤ 1 Hz
0.45 x UR
at 1 Hz < f
≤ 10 Hz
0.60 x UR
at 10 Hz < f
≤ 50 Hz
0.65 x UR
at f > 50 Hz
0.80 x UR
85
°C < T
amb ≤ 125 °C:
at f
≤ 0.1 Hz
0.15 x UR
at 0.1 Hz < f
≤ 1 Hz
0.22 x UR
at 1 Hz < f
≤ 10 Hz
0.30 x UR
at 10 Hz < f
≤ 50 Hz
0.32 x UR
at f > 50 Hz
0.40 x UR
125
°C ≤ T
amb ≤ 175 °C:
at f < 50 Hz
0.1 x UR
at f > 50 Hz
0.2 x UR
Inductance
Equivalent series inductance (ESL)
Case sizes (mm):
8 x 8x10
typ. 9to 14nH
Dissipation
Maximum power dissipation
Case sizes (mm):
Pmax. = P125 mW
8 x 8 x 10
350
Current
Maximum leakage current
After 5 minutes at UR and Tamb = 25 °C
see Table 4


Similar Part No. - MAL217573339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210116104E3 VISHAY-MAL210116104E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116153E3 VISHAY-MAL210116153E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116154E3 VISHAY-MAL210116154E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116223E3 VISHAY-MAL210116223E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
MAL210116224E3 VISHAY-MAL210116224E3 Datasheet
129Kb / 11P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 31-Oct-08
More results

Similar Description - MAL217573339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ330MR05 RUBYCON-2SWZ330MR05 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com