Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D277X0025F2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 138D277X0025F2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D277X0025F2 Datasheet(HTML) 3 Page - Vishay Siliconix

  138D277X0025F2 Datasheet HTML 1Page - Vishay Siliconix 138D277X0025F2 Datasheet HTML 2Page - Vishay Siliconix 138D277X0025F2 Datasheet HTML 3Page - Vishay Siliconix 138D277X0025F2 Datasheet HTML 4Page - Vishay Siliconix 138D277X0025F2 Datasheet HTML 5Page - Vishay Siliconix 138D277X0025F2 Datasheet HTML 6Page - Vishay Siliconix 138D277X0025F2 Datasheet HTML 7Page - Vishay Siliconix 138D277X0025F2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 40025
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 17-Mar-08
19
138D
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors
Hermetically-Sealed with True Glass-to-Tantalum Seal
Vishay
35 WVDC at + 85 °C . . . 22 WVDC at + 125 °C
68
F
138D686X0035F2
6
60
1
8
- 24
+ 12
+ 15
120
T
138D127X0035T2
4
38
2
16
- 30
+ 13
+ 15
270
K
138D277X0035K2
2.2
23
8
32
- 45
+ 20
+ 25
50 WVDC at + 85 °C . . . 30 WVDC at + 125 °C
5.0
C
138D505X0050C2
9
400
1
2
- 16
+ 5
+ 6
10
C
138D106X0050C2
8
250
1
2
- 24
+ 8
+ 9
25
F
138D256X0050F2
6
95
1
5
- 20
+ 10.5
+ 12
47
F
138D476X0050F2
6
70
1
9
- 28
+ 10.5
+ 15
60
T
138D606X0050T2
3
45
2
12
- 16
+ 10.5
+ 12
82
T
138D826X0050T2
4
45
2
16
- 32
+ 13
+ 15
160
K
138D167X0050K2
2.2
27
8
32
- 50
+ 25
+ 25
60 WVDC at + 85 °C . . . 40 WVDC at + 125 °C
4.0
C
138D405X0060C2
10
550
1
2
- 16
+ 5
+ 6
8.2
C
138D825X0060C2
8
275
1
2
- 24
+ 8
+ 9
20
F
138D206X0060F2
5
105
1
5
- 16
+ 10.5
+ 12
39
F
138D396X0060F2
7
90
1
9
- 28
+ 10.5
+ 12
50
T
138D506X0060T2
4
50
2
12
- 16
+ 10.5
+ 12
68
T
138D686X0060T2
6
50
2
16
- 32
+ 10.5
+ 12
140
K
138D147X0060K2
2.4
28
8
32
- 40
+ 20
+ 20
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C
3.5
C
138D355X0075C2
10
650
1
2
- 16
+ 5
+ 6
6.8
C
138D685X0075C2
8
300
1
2
- 20
+ 8
+ 9
15
F
138D156X0075F2
6.5
150
1.0
5
- 16
+ 8
+ 9
33
F
138D336X0075F2
7
90
1.0
10
- 24
+ 10.5
+ 15
40
T
138D406X0075T2
5
60
2.0
12
- 16
+ 10.5
+ 12
56
T
138D566X0075T2
6
60
2.0
17
- 28
+ 10.5
+ 15
110
K
138D117X0075K2
3.1
29
9
36
- 35
+ 20
+ 20
100 WVDC at + 85 °C . . . 65 WVDC at + 125 °C
2.5
C
138D255X0100C2
26.5
950
1.0
2
- 16
+ 7
+ 8
4.7
C
138D475X0100C2
10
500
1.0
2
- 16
+ 7
+ 8
11
F
138D116X0100F2
6
200
1.0
4
- 16
+ 7
+ 8
22
F
138D226X0100F2
7
100
1.0
9
- 16
+ 7
+ 8
30
T
138D306X0100T2
4
80
2.0
12
- 16
+ 7
+ 8
43
T
138D436X0100T2
6
70
2.0
17
- 20
+ 7
+ 8
86
K
138D866X0100K2
3.1
30
9
36
- 25
+ 15
+ 15
125 WVDC at + 85 °C . . . 85 WVDC at + 125 °C
1.7
C
138D175X0125C2
54.6
1250
1.0
2
- 16
+ 7
+ 8
3.6
C
138D365X0125C2
15
600
1.0
2
- 16
+ 7
+ 8
9.0
F
138D905X0125F2
15
240
1.0
5
- 16
+ 7
+ 8
14
F
138D146X0125F2
12
167
1.0
7
- 16
+ 7
+ 8
18
T
138D186X0125T2
11
129
2.0
9
- 16
+ 7
+ 8
25
T
138D256X0125T2
10
93
2.0
13
- 16
+ 7
+ 8
56
K
138D566X0125K2
4.1
32
10
40
- 25
+ 15
+ 15
Note
(1) Part Numbers listed are for units with outer plastic-film insulation and a capacitance tolerance of ± 20 %. For bare case units, substitute “0”
for “2” at the end of the Part Number. For capacitors with ± 10 % tolerance, change the digit following the letter “X” to “9”. For RoHS compliant
add “E3“.
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX. IMP.
at
- 55 °C
120 Hz
(
Ω)
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE (%)
at
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C


Similar Part No. - 138D277X0025F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D277X0006F2 VISHAY-138D277X0006F2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D277X0015T2 VISHAY-138D277X0015T2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
More results

Similar Description - 138D277X0025F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com