Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D396X0030C2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 138D396X0030C2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D396X0030C2 Datasheet(HTML) 7 Page - Vishay Siliconix

  138D396X0030C2 Datasheet HTML 1Page - Vishay Siliconix 138D396X0030C2 Datasheet HTML 2Page - Vishay Siliconix 138D396X0030C2 Datasheet HTML 3Page - Vishay Siliconix 138D396X0030C2 Datasheet HTML 4Page - Vishay Siliconix 138D396X0030C2 Datasheet HTML 5Page - Vishay Siliconix 138D396X0030C2 Datasheet HTML 6Page - Vishay Siliconix 138D396X0030C2 Datasheet HTML 7Page - Vishay Siliconix 138D396X0030C2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 40025
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 17-Mar-08
23
138D
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors
Hermetically-Sealed with True Glass-to-Tantalum Seal
Vishay
PERFORMANCE CHARACTERISTICS (Continued)
For example, percent dissipation factor of a 30 µF, 6 V
capacitor, which has a maximum ESR of 3.4
Ω at
+ 25 °C and 120 Hz, would be calculated as shown:
7.
Leakage Current: Measurements shall be made at
the applicable rated working voltage at + 25 °C ± 5 °C
through application of a steady source of power, such
as a regulated power supply. The total resistance in
series with each capacitor shall be between 1000
Ω
and 10 000
Ω. The voltage shall be applied to the
capacitor for 5 minutes before making the leakage
current measurement.
7.1
The maximum leakage current for any capacitor shall
not exceed the value in microamperes listed in the
Standard and Extended Ratings Table for each
capacitor.
Note: leakage current varies with applied voltage. See graph
below for the appropriate adjustment factor.
8.
Low Temperature Impedance: The impedance of
any capacitor at - 55 °C at 120 Hz, shall not exceed the
values given in the Standard and Extended Ratings
Tables.
9.
Life Test: Capacitors are capable of withstanding a
2000 h life test at a temperature of + 85 °C or + 125 °C
at the applicable rated DC working voltage.
10.
High Frequency Vibration: Capacitors shall with
stand vibration from 10 Hz to 2000 Hz at 20 g when
tested.
11.
Lead Pull Test: Capacitors shall withstand a lead
tensile stress of 3 pounds (13.2 N) for 30 s, applied
axially.
12.
Marking: Capacitors shall be marked with Sprague®
and/or the Sprague trademark 2, the Sprague type
(138D);
rated
capacitance
and
tolerance
(the
tolerance shall be coded, using the list shown in How
to Order); rated DC working voltage at + 85 °C; the
standard EIA date code of manufacture.
GUIDE TO APPLICATION
1.
Ripple Current: All capacitors will withstand rms
ripple currents as listed for each capacitor.
1.1
The rms ripple current rating is independent of
temperature
or
frequency
within
the
following
limitations:
1.1.1 At frequencies of less than 120 Hz, the rated rms ripple
current must be multiplied by the factors shown:
1.1.2 The sum of the peak AC voltage plus the DC voltage
shall not exceed the DC working voltage of the
capacitor.
1.1.3 The sum of the negative peak AC voltage, plus the
applied DC voltage shall not allow a voltage reversal.
2.
Cleaning wiring boards with Type 138D capacitors:
Customary cleaning solvents used in the electronics
industry at present will not affect Type 138D
capacitors. However, the use of ultrasonic cleaning
techniques
is
not
recommended
under
any
circumstances.
3.
Apparent Capacitance: Note that in timing circuit
applications, the circuit designer must take into
account two important variables which affect any
electrolytic capacitor. These are the internal leakage
resistance
of
the
capacitor
and
its
dielectric
absorption, which will depend on the elapsed time
since the capacitor was last energized. In applications
where electrolytic capacitors are subjected to DC
energy, or in effect, extremely low frequencies, the
value of the apparent capacitance will be somewhat
higher than that which is measured at 120 Hz.
4.
No Reverse Voltage: The application of reverse
voltage to these capacitors will cause internal damage.
The resulting damage will lead to immediate or
delayed failure of the unit. This will take the form of a
catastrophic short circuit with possible expulsion of the
electrolyte.
LEAKAGE AS A FUNCTION OF VOLTAGE
& TEMPERATURE
DF
2
π 120
×
3.4
×
30
×
10
4
--------------------------------------------------
3.4
30
×
13.26
---------------------
7.7 %
==
=
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0
PERCENT OF RATED VOLTAGE
10
30
20
90
40
50
60
70
80
100
FREQUENCY IN HERTZ
25
50
60
100
0.36
0.59
0.65
0.88


Similar Part No. - 138D396X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D397X0010T2 VISHAY-138D397X0010T2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
More results

Similar Description - 138D396X0030C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com