Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4217 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL4217
Description  Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4217 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL4217 Datasheet HTML 1Page - Vishay Siliconix IL4217 Datasheet HTML 2Page - Vishay Siliconix IL4217 Datasheet HTML 3Page - Vishay Siliconix IL4217 Datasheet HTML 4Page - Vishay Siliconix IL4217 Datasheet HTML 5Page - Vishay Siliconix IL4217 Datasheet HTML 6Page - Vishay Siliconix IL4217 Datasheet HTML 7Page - Vishay Siliconix IL4217 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 83630
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.4, 09-Jan-08
3
IL4216/IL4217/IL4218
Optocoupler, Phototriac Output,
High dV/dt, Very Low Input Current
Vishay Semiconductors
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 20 mA
VF
1.3
1.5
V
Breakdown voltage
IR = 10 µA
VBR
6.0
30
V
Reverse current
VR = 6.0 V
IR
0.1
10
µA
Input capacitance
VF = 0 V, f = 1.0 MHz
CIN
40
pF
Thermal resistance, junction to lead
RthjI
750
°C/W
OUTPUT
Repetitive peak off-state voltage
IDRM = 100 µA
IL4216
VDRM
600
650
V
IL4217
VDRM
700
750
V
IL4218
VDRM
800
850
V
Off-state voltage
ID(RMS) = 70 µA
IL4216
VD(RMS)
424
460
V
IL4217
VD(RMS)
484
536
V
IL4218
VD(RMS)
565
613
V
Off-state current
VD = 600 V, Tamb = 100 °C
ID(RMS)
10
100
µA
Reverse current
VR = 600 V, Tamb = 25 °C
IRMS
10
100
µA
On-state voltage
IT = 300 mA
VTM
1.7
3.0
V
On-state current
PF = 1.0, VT(RMS) = 1.7 V
ITM
300
mA
Surge (non-repetitive, on-state current)
f = 50 Hz
ITSM
3.0
A
Holding current
VT = 3.0 V
IH
65
200
μA
Latching current
VT = 2.2 V
IL
5.0
mA
LED trigger current
VAK = 5.0 V
IFT
0.7
1.3
mA
Critical rate of rise of off-state voltage
VD = 0.67 VDRM, Tamb = 25 °C
dV/dtcr
10000
V/µs
VD = 0.67 VDRM, Tamb = 80 °C
dV/dtcr
5000
V/µs
Critical rate of rise of voltage at current
commutation
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms,
Tamb = 25 °C
dV/dtcrq
10000
V/µs
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms,
Tamb = 80 °C
dV/dtcrq
5000
V/µs
Off-state current
IT = 300 mA
dI/dt
100
A/ms
Thermal resistance, junction to lead
RthjI
150
°C/W
COUPLER
Capacitance (input to output)
f = 1.0 MHz, VIO = 0 V
CIO
0.8
pF
Critical rate of rise of coupled
input to output voltage
IT = 0, VRM = VDM = 300 VAC
dV(IO)/dt
5000
1.0
mA


Similar Part No. - IL4217

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL4217 SIEMENS-IL4217 Datasheet
85Kb / 3P
   TRIAC DRIVER OPTOCOUPLER
logo
Vishay Siliconix
IL4217 VISHAY-IL4217 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL4217 VISHAY-IL4217 Datasheet
166Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL4217

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com