Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215131479E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL215131479E3
Description  Aluminum Capacitors Radial Long-Life, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215131479E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL215131479E3 Datasheet HTML 1Page - Vishay Siliconix MAL215131479E3 Datasheet HTML 2Page - Vishay Siliconix MAL215131479E3 Datasheet HTML 3Page - Vishay Siliconix MAL215131479E3 Datasheet HTML 4Page - Vishay Siliconix MAL215131479E3 Datasheet HTML 5Page - Vishay Siliconix MAL215131479E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 28319
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 27-May-08
4
151 RLH
Aluminum Capacitors
Radial Long-Life, High Voltage
Vishay
350
3.3
10 x 12
50
105
0.15
22.0
55338E3
65338E3
35338E3
4.7
10 x 16
65
119
0.15
16.0
55478E3
65478E3
35478E3
10
12.5 x 20
120
175
0.15
7.6
55109E3
65109E3
35109E3
22
12.5 x 25
180
301
0.15
3.8
55229E3
65229E3
35229E3
22
16 x 20
180
301
0.15
3.8
95225E3
95226E3
95223E3
33
16 x 25
210
417
0.15
2.6
55339E3
65339E3
35339E3
47
16 x 35
300
564
0.15
2.0
55479E3
65479E3
-
47
18 x 31
300
564
0.15
2.0
95475E3
95476E3
-
400
2.2
10 x 12
40
93
0.15
33.0
56228E3
66228E3
36228E3
3.3
10 x 16
50
110
0.15
22.0
56338E3
66338E3
36338E3
4.7
10 x 20
70
126
0.15
16.0
56478E3
66478E3
36478E3
10
12.5 x 20
120
190
0.15
7.6
56109E3
66109E3
36109E3
22
16 x 25
200
334
0.15
3.8
56229E3
66229E3
36229E3
22
18 x 20
200
334
0.15
3.8
96225E3
96226E3
-
33
16 x 31
245
466
0.15
2.6
56339E3
66339E3
36339E3
33
18 x 25
245
466
0.15
2.6
96335E3
96336E3
-
47
18 x 31
300
634
0.15
2.0
56479E3
66479E3
-
450
1.0
10 x 12
30
67
0.2
94.0
57108E3
67108E3
37108E3
2.2
10 x 16
45
99
0.2
43.0
57228E3
67228E3
37228E3
3.3
10 x 20
65
115
0.2
29.0
57338E3
67338E3
37338E3
4.7
12.5 x 20
80
133
0.2
20.0
57478E3
67478E3
37478E3
10
16 x 20
140
205
0.2
10.0
57109E3
67109E3
37109E3
22
16 x 31
220
367
0.2
4.6
57229E3
67229E3
37229E3
22
18 x 25
220
367
0.2
4.6
97225E3
97226E3
-
33
18 x 35
280
516
0.2
3.4
57339E3
67339E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL1
1min
(µA)
Tan
δ
100 Hz
Z
10 kHz
(
Ω)
ORDERING CODE
MAL2151.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
IEC 60384-4, subclause 4.14:
UR = 160 to 250 V
Us ≤ 1.15 x UR
UR = 350 to 400 V
Us ≤ 1.10 x UR
Reverse voltage
IEC 60384-4, subclause 4.15
Urev ≤ 1V
Current
Leakage current
after 1 minute at UR:
CV
≤ 1000 µC
IL1 ≤ 0.06 CR x UR +40µA
CV > 1000 µC
IL1 ≤ 0.03 CR x UR +70 µA
after 5 minutes at UR:
CV
≤ 1000 µC
IL5 ≤ 0.03 CR x UR +15 µA
CV > 1000 µC
IL5 ≤ 0.015 CR x UR +30 µA
Inductance
Equivalent series inductance (ESL)
case Ø D = 10 mm
typ. 16 nH
case Ø D
≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
calculated from tan
δ
max. and CR (see Table 2)
ESR = tan
δ/2 πf C
R


Similar Part No. - MAL215131479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215131479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com