Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215370221E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL215370221E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215370221E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL215370221E3 Datasheet HTML 1Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 2Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 3Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 4Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 5Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 6Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 7Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 8Page - Vishay Siliconix MAL215370221E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
153 CRV
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Long Life Vertical
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28388
54
Revision: 15-Oct-08
Note
Unless otherwise specified, all electrical values in Table 4 apply at
Tamb = 20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 153 CRV series
100 µF/25 V; ± 20 %
Nominal case size:
8 x 8 x 10 mm; taped on reel
Ordering Code: MAL215376101E3
Former 12NC: 2222 153 76101
Table 4
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 or 120 Hz, tolerance ± 20 %
IR
rated RMS ripple current at 100 or 120 Hz, 105 °C
IL2
max. leakage current after 2 minutes at UR
tan
δ
max. dissipation factor at 100 or 120 Hz
ESR
equivalent series resistance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(µF)
NOMINAL
CASE SIZE
L x W x H (mm)
IR
105 °C
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
ESR
100 kHz
(
Ω)
ORDERING CODE
MAL2153.......
6.3
22
4.0 x 4.0 x 5.3
21
3.0
0.30
8
73229E3
47
5.0 x 5.0 x 5.3
36
3.0
0.30
4
73479E3
100
6.3 x 6.3 x 5.3
61
6.3
0.30
2
73101E3
330
8.0 x 8.0 x 10
180
21
0.30
0.5
73331E3
470
10 x 10 x 10
320
30
0.30
0.3
73471E3
680
10 x 10 x 12
340
43
0.24
0.29
73681E3
1000
10 x 10 x 14
400
63
0.24
0.24
73102E3
10
33
5.0 x 5.0 x 5.3
31
3.3
0.26
4
74339E3
220
8.0 x 8.0 x 10
180
22
0.26
0.5
74221E3
330
10 x 10 x 10
320
33
0.26
0.3
74331E3
470
10 x 10 x 12
330
47
0.19
0.29
74471E3
680
10 x 10 x 14
380
68
0.19
0.24
74681E3
16
10
4.0 x 4.0 x 5.3
16
3.0
0.22
8
75109E3
22
5.0 x 5.0 x 5.3
28
3.5
0.22
4
75229E3
47
6.3 x 6.3 x 5.3
47
7.5
0.22
2.2
75479E3
100
8.0 x 8.0 x 6.5
110
16
0.22
1.2
75101E3
220
10 x 10 x 10
320
35
0.22
0.3
75221E3
330
10 x 10 x 12
330
53
0.16
0.29
75331E3
470
10 x 10 x 14
370
75
0.16
0.25
75471E3
25
33
6.3 x 6.3 x 5.3
44
8.3
0.16
2.2
76339E3
47
8.0 x 8.0 x 6.5
110
12
0.16
1.2
76479E3
100
8.0 x 8.0 x 10
180
22
0.16
0.5
76101E3
220
10 x 10 x 12
270
55
0.14
0.29
76221E3
330
10 x 10 x 14
300
83
0.14
0.27
76331E3
35
4.7
4.0 x 4.0 x 5.3
14
3.0
0.13
8
70478E3
10
5.0 x 5.0 x 5.3
23
3.5
0.13
4
70109E3
22
6.3 x 6.3 x 5.3
50
7.7
0.13
2.2
70229E3
33
8.0 x 8.0 x 6.5
110
12
0.13
1.2
70339E3
220
10 x 10 x 12
270
77
0.12
0.29
70221E3
50
0.47
4.0 x 4.0 x 5.3
5
3.0
0.12
12
71477E3
1.0
4.0 x 4.0 x 5.3
7
3.0
0.12
12
71108E3
2.2
4.0 x 4.0 x 5.3
10
3.0
0.12
12
71228E3
3.3
4.0 x 4.0 x 5.3
12
3.0
0.12
12
71338E3
4.7
5.0 x 5.0 x 5.3
17
3.0
0.12
6
71478E3
10
6.3 x 6.3 x 5.3
26
5.0
0.12
3
71109E3
22
8.0 x 8.0 x 6.5
110
11
0.12
1.2
71229E3
33
8.0 x 8.0 x 10
180
17
0.12
0.5
71339E3
47
8.0 x 8.0 x 10
180
24
0.12
0.5
71479E3
100
10 x 10 x 10
320
50
0.12
0.3
71101E3
100
10 x 10 x 12
230
50
0.12
0.29
91107E3
63
47
10 x 10 x 12
220
30
0.09
0.39
78479E3
100
10 x 10 x 14
240
63
0.09
0.34
78101E3
10
10 x 10 x 12
150
10
0.07
1.4
79109E3
100
22
10 x 10 x 12
150
25
0.07
1.4
79229E3
33
10 x 10 x 14
170
33
0.07
1.3
79339E3


Similar Part No. - MAL215370221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215360109E3 VISHAY-MAL215360109E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360221E3 VISHAY-MAL215360221E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360229E3 VISHAY-MAL215360229E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360339E3 VISHAY-MAL215360339E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360478E3 VISHAY-MAL215360478E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
More results

Similar Description - MAL215370221E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com