Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

195D336X_004X2T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 195D336X_004X2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D336X_004X2T Datasheet(HTML) 2 Page - Vishay Siliconix

  195D336X_004X2T Datasheet HTML 1Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 2Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 3Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 4Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 5Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 6Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 7Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 8Page - Vishay Siliconix 195D336X_004X2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 40011
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 05-May-08
111
195D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
Vishay Sprague
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
C
0.15
C
0.22
C/S
0.33
C
S
0.47
C
S
V
0.68
C
SSV
1.0
S
C
S
SSX
1.5
C
SS
SVX
2.2
C
SSS
VXY
3.3
C
SSSV
XY
Z
4.7
SSSVX
X
Z
Z
6.8
SSVXX
Y
Z
R
10
SVXXY
Y
Z
R
15
VXXY
Z
Z
R
22
XXY
Y/Z
Z
R
R
33
X
Y
Z
Z
R
R
47
Y
Y
Z
R
R
68
Y
Z
R
R
100
Z
Z
R
120
R
R
R
150
R
R
R
180
R
R
220
R
R
330
R
STANDARD RATINGS
CAPACITANCE (µF)
CASE CODE
PART NUMBER (1)
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
4 WVDC AT + 85 °C, SURGE = 5 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
3.3
C
195D335X_004C2T
0.5
6
4.7
S
195D475X_004S2T
0.5
6
6.8
S
195D685X_004S2T
0.5
6
10
S
195D106X_004S2T
0.5
6
15
V
195D156X_004V2T
0.6
6
22
X
195D226X_004X2T
0.9
6
33
X
195D336X_004X2T
1.3
6
47
Y
195D476X_004Y2T
1.9
6
68
Y
195D686X_004Y2T
2.7
6
100
Z
195D107X_004Z2T
4.0
8
120
R
195D127X_004R2T
4.8
8
150
R
195D157X_004R2T
6.0
8
180
R
195D187X_004R2T
7.2
8
220
R
195D227X_004R2T
8.8
8
330
R
195D337X_004R2T
13.2
8
Note:
(1) For 10 % tolerance, specify “9“: for 20 % tolerance, change to “0“.


Similar Part No. - 195D336X_004X2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D334X-035C2T VISHAY-195D334X-035C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D335X-004C2T VISHAY-195D335X-004C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D336X_004X2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com