Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL4218-X007 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL4218-X007
Description  Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4218-X007 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL4218-X007 Datasheet HTML 1Page - Vishay Siliconix IL4218-X007 Datasheet HTML 2Page - Vishay Siliconix IL4218-X007 Datasheet HTML 3Page - Vishay Siliconix IL4218-X007 Datasheet HTML 4Page - Vishay Siliconix IL4218-X007 Datasheet HTML 5Page - Vishay Siliconix IL4218-X007 Datasheet HTML 6Page - Vishay Siliconix IL4218-X007 Datasheet HTML 7Page - Vishay Siliconix IL4218-X007 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83630
6
Rev. 1.4, 09-Jan-08
IL4216/IL4217/IL4218
Vishay Semiconductors
Optocoupler, Phototriac Output,
High dV/dt, Very Low Input Current
PACKAGE DIMENSIONS in inches (millimeters)
i178004
0.010 (0.25)
typ.
0.114 (2.90)
0.130 (3.0)
0.130 (3.30)
0.150 (3.81)
0.031 (0.80) min.
0.300 (7.62)
typ.
0.031 (0.80)
0.035 (0.90)
0.100 (2.54) typ.
0.039
(1.00)
min.
0.018 (0.45)
0.022 (0.55)
0.048
0.022 (0.55)
0.248 (6.30)
0.256 (6.50)
0.335 (8.50)
0.343 (8.70)
Pin one ID
6
5
4
1
2
3
18 °
3° to 9°
0.300 to 0.347
(7.62 to 8.81)
typ.
ISO method A
(0.45)
min.
0.315 (8.00)
0.020 (0.51 )
0.040 (1.02 )
0.300 (7.62)
ref.
0.375 (9.53)
0.395 (10.03 )
0.012 (0.30 ) typ.
0.0040 (0.102)
0.0098 (0.249)
15° max.
Option 9
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.307 (7.8)
0.291 (7.4)
0.407 (10.36)
0.391 (9.96)
Option 6
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
min.
Option 7
18450


Similar Part No. - IL4218-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL4218-X001 VISHAY-IL4218-X001 Datasheet
166Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL4218-X006 VISHAY-IL4218-X006 Datasheet
166Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL4218-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com