Electronic Components Datasheet Search |
|
MAL212320479 Datasheet(PDF) 10 Page - Vishay Siliconix |
|
MAL212320479 Datasheet(HTML) 10 Page - Vishay Siliconix |
10 / 12 page 123 SAL-A Vishay BCcomponents Aluminum Capacitors Solid Axial www.vishay.com For technical questions, contact: aluminumcaps2@vishay.com Document Number: 28355 260 Revision: 23-Jun-08 EQUIVALENT SERIES RESISTANCE (ESR) Table 3 ESR (Ω) 10 2 10 1 10 -1 10 -2 10 6 10 5 10 4 10 3 10 2 10 f (Hz) 1 1 2 3 4 Case Ø D x L = 9.4 x 23.3 mm Curve 1: 68 µF, 35 and 40 V Curve 2: 150 µF, 25 V Curve 3: 330 µF, 10 V Curve 4: 470 µF, 10 V ESR at 100 Hz Fig.28 Typical ESR as a function of ambient temperature ESR (Ω) 10 2 10 1 10 -1 10 -2 10 6 10 5 10 4 10 3 10 2 10 f (Hz) 1 1 2 3 4 5 Case Ø D x L = 9.4 x 23.3 mm Curve 1: 100 µF, 35 and 40 V Curve 2: 150 µF, 35 V Curve 3: 220 µF, 25 V Curve 4: 470 µF, 16 V Curve 5: 680 µF, 10 V; 1000 µF, 6.3 V ESR at 100 Hz Fig.29 Typical ESR as a function of ambient temperature TEST PROCEDURES AND REQUIREMENTS TEST PROCEDURE (quick refeerence) REQUIREMENTS NAME OF TEST REFERENCE Endurance IEC 60384-4/ EN130300 subclause 4.13 Tamb = 125 °C; UR = 6.3 to 25 V with UR applied; UR = 35 and 40 V with UC applied; 10 000 hours ΔC/C: ± 10 % tan δ≤ 1.2 x spec. limit Z ≤ 1.2 x spec. limit IL5 ≤ spec. limit Useful life CECC 30302 subclause 1.8.1 Tamb = 125 °C; IR applied and UR = 6.3 to 25 V with UR applied; UR = 35 and 40 V with UC applied; 20 000 hours ΔC/C: ± 15 % tan δ≤ 1.5 x spec. limit Z ≤ 1.5 x spec. limit IL5 ≤ spec. limit no short or open circuit, no visible damage total failure percentage: < 1 % Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 125 °C; no voltage applied; 500 hours ΔC/C: ± 10 % tan δ≤ 1.2 x spec. limit IL5 ≤ 1 x spec. limit Charge and discharge IEC 60384-4-2 subclause 9.21 106 cycles without series resistance: 0.5 s to UR; 0.5 s to ground ΔC/C: ± 5 % no short or open circuit, no visible damage Shock IEC 60068-2-27 test Ea half-sine or saw tooth pulse shape; 50 g; 11 ms; 3 successive shocks in each direction of 3 mutually perpendicular axes; no voltage applied no intermittent contacts no breakdown no open circuiting no mechanical damage ΔC/C: ± 5 % tan δ≤ 1.2 x spec. limit Z ≤ 1.2 x spec. limit IL5 ≤ 1.5 x spec. limit Severe rapid change of temperature 100 cycles of 1 hour duration, each with 30 minutes at - 40 °C and + 125 °C ΔC/C: ± 25 % tan δ≤ 1.5 x spec. limit Z ≤ 2.0 x spec. limit IL5 ≤ 1 x spec.limit Solvent resistance IEC 60068-2-45, test XA IEC 60653 immersion: 5 ± 0.5 minutes with or without ultrasonic at 55 ± 5 °C solvents: demineralized water and/or calgonite solution (20 g/l) visual appearance not affected Passive flammability IEC 60695-2-2 capacitor mounted to a vertical printed-circuit board, one flame on capacitor body; Tamb =20to25°C; test duration = 20 s after removing the test flame from the capacitor, the capacitor must not continue to burn for more than 15 s; no burning particles must drop from the sample |
Similar Part No. - MAL212320479 |
|
Similar Description - MAL212320479 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |