Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201CNQ045PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 201CNQ045PBF
Description  Schottky Rectifier, 200 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

201CNQ045PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  201CNQ045PBF Datasheet HTML 1Page - Vishay Siliconix 201CNQ045PBF Datasheet HTML 2Page - Vishay Siliconix 201CNQ045PBF Datasheet HTML 3Page - Vishay Siliconix 201CNQ045PBF Datasheet HTML 4Page - Vishay Siliconix 201CNQ045PBF Datasheet HTML 5Page - Vishay Siliconix 201CNQ045PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94154
2
Revision: 28-Apr-08
201CNQ045PbF
Vishay High Power Products Schottky Rectifier, 200 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward
voltage drop per leg
See fig. 1
VFM (1)
100 A
TJ = 25 °C
0.67
V
200 A
0.81
100 A
TJ = 125 °C
0.58
200 A
0.71
Maximum reverse
leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
10
mA
TJ = 125 °C
90
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
5200
pF
Typical series inductance per leg
LS
From top of terminal hole to mounting plane
7.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage temperature range
TJ, TStg
- 55
-
175
°C
Thermal resistance, junction to case
per leg
RthJC
-
-
0.38
°C/W
per module
-
-
0.19
Thermal resistance, case to heatsink
RthCS
-0.10-
Weight
-
68
-
g
2.4
oz.
Mounting torque
35.4 (4)
-
53.1 (6)
lbf
⋅ in
(N
⋅ m)
Mounting torque center hole
30 (3.4)
-
40 (4.6)
Terminal torque
30 (3.4)
-
44.2 (5)
Vertical pull
-
-
80
lbf
⋅ in
2" lever pull
-
-
35


Similar Part No. - 201CNQ045PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
201CNQ045PBF IRF-201CNQ045PBF Datasheet
146Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - 201CNQ045PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
209CNQ135PBF VISHAY-209CNQ135PBF Datasheet
117Kb / 6P
   Schottky Rectifier, 200 A
Revision: 28-Apr-08
VSKDS409 VISHAY-VSKDS409 Datasheet
159Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
VSKCS208 VISHAY-VSKCS208 Datasheet
157Kb / 6P
   Schottky Rectifier, 200 A
Revision: 23-Apr-08
VSKCS209 VISHAY-VSKCS209 Datasheet
157Kb / 6P
   Schottky Rectifier, 200 A
Revision: 23-Apr-08
VSKDS403 VISHAY-VSKDS403 Datasheet
115Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
116Kb / 6P
   Schottky Rectifier, 200 A
Revision: 28-Apr-08
VSKDS401 VISHAY-VSKDS401 Datasheet
115Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
VSKDS408 VISHAY-VSKDS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
200CNQ045PBF VISHAY-200CNQ045PBF Datasheet
127Kb / 7P
   Schottky Rectifier, 200 A
Revision: 28-Apr-08
VSKCS208 VISHAY-VSKCS208_V01 Datasheet
174Kb / 7P
   Schottky Rectifier, 200 A
11-Mar-11
IRKDS409 VISHAY-IRKDS409 Datasheet
176Kb / 7P
   Schottky Rectifier, 200 A
Revision: 25-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com