Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL219622474E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL219622474E3
Description  Double Layer Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL219622474E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL219622474E3 Datasheet HTML 1Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 2Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 3Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 4Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 5Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 6Page - Vishay Siliconix MAL219622474E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28362
162
Revision: 15-Apr-08
196 DLC
Vishay BCcomponents
Double Layer Capacitors
FEATURES
• Polarized capacitor with high charge density,
alternative product to rechargeable backup
batteries
• Dielectric: electric double layer
• Radial leads, cylindrical case, insulated with a blue vinyl
sleeve
• Available in both vertical and low-profile versions
• Unlimited charge and discharge cycle numbers
• No charge-discharge control circuitry and no series
resistor necessary
• Maintenance-free, no periodic replacement or service
necessary
• Ecologically beneficial (no Cd, no Li)
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Energy storage, for backup of semiconductor memories
(CMOS) in all fields of electronics
• Telecommunication, audio-video, EDP
• General industrial, clock and timer systems
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in F)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Name of manufacturer
• Negative terminal identification
• Upper category temperature (at 85 °C types only)
Form A
Form B
Fig.1 Component outline
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
VALUE
STANDARD
FORM A
HIGH VOLTAGE
FORM A
HIGH
TEMPERATURE
FORM A
VERTICAL,
MINIATURIZED
FORM B
Nominal case sizes (Ø D x L in mm)
13 x 7 and 21 x 7.5
13 x 9 and 21 x 9
13 x 9 and 21 x 9
11.5 x 13 (vertical)
Rated capacitance range, CR
0.047 to 1.0 F
0.047 to 0.68 F
0.047 to 0.68 F
0.047 to 0.33 F
Tolerance on CR at 20 °C
- 20 to + 80 %
Rated voltage, UR
5.5V
6.3V
5.5V
5.5V
Maximum surge voltage, US
6.3V
7.0V
6.3V
6.3V
Category temperature range
- 25 to + 70 °C
- 25 to + 70 °C
- 25 to + 85 °C
- 25 to + 70 °C
Useful life at UR:
at 85
°C
-
-
1000 hours
-
at 70
°C
1000 hours
1000 hours
2800 hours
1000 hours
at 40
°C
8000 hours
8000 hours
23 000 hours
8000 hours
at 25
°C
23 000 hours
23 000 hours
64 000 hours
23 000 hours
Shelf life at 0 V
1000 hours at upper category temperature
Climatic category IEC 60068
25/070/21
25/070/21
25/085/21
25/070/21


Similar Part No. - MAL219622474E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL219622474E3 VISHAY-MAL219622474E3 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
More results

Similar Description - MAL219622474E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196DLC VISHAY-196DLC Datasheet
70Kb / 6P
   Double Layer Capacitors
Revision: 17-Oct-03
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Vishay Siliconix
196DLC VISHAY-196DLC_12 Datasheet
132Kb / 7P
   Double Layer Aluminum Capacitors
Revision: 14-Mar-12
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJDOE607MSE NICHICON-JJDOE607MSE Datasheet
83Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com