Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

195D335X_6R3S2T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 195D335X_6R3S2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D335X_6R3S2T Datasheet(HTML) 4 Page - Vishay Siliconix

  195D335X_6R3S2T Datasheet HTML 1Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 2Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 3Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 4Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 5Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 6Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 7Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 8Page - Vishay Siliconix 195D335X_6R3S2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 40011
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 05-May-08
113
195D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
Vishay Sprague
STANDARD RATINGS
CAPACITANCE (µF)
CASE CODE
PART NUMBER (1)
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz (%)
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
0.68
C
195D684X_020C2T
0.5
4
1.0
S
195D105X_020S2T
0.5
4
1.5
S
195D155X_020S2T
0.5
6
2.2
S
195D225X_020S2T
0.5
6
3.3
V
195D335X_020V2T
0.7
6
4.7
X
195D475X_020X2T
0.9
6
6.8
X
195D685X_020X2T
1.4
6
10
Y
195D106X_020Y2T
2.0
6
15
Z
195D156X_020Z2T
3.0
6
22
Z
195D226X_020Z2T
4.4
6
33
R
195D336X_020R2T
6.6
6
47
R
195D476X_020R2T
9.4
6
25 WVDC AT + 85 °C, SURGE = 32 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
0.47
C
195D474X_025C2T
0.5
4
0.68
S
195D684X_025S2T
0.5
4
1.0
S
195D105X_025S2T
0.5
4
1.5
S
195D155X_025S2T
0.5
6
2.2
V
195D225X_025V2T
0.6
6
3.3
X
195D335X_025X2T
0.8
6
4.7
X
195D475X_025X2T
1.2
6
6.8
Y
195D685X_025Y2T
1.7
6
10
Y
195D106X_025Y2T
2.5
6
15
Z
195D156X_025Z2T
3.8
6
22
R
195D226X_025R2T
5.5
6
33
R
195D336X_025R2T
8.3
6
35 WVDC AT + 85 °C, SURGE = 46 V . . . 23 WVDC AT + 125 °C, SURGE = 28 V
0.33
C
195D334X_035C2T
0.5
4
0.47
S
195D474X_035S2T
0.5
4
0.68
S
195D684X_035S2T
0.5
4
1.0
S
195D105X_035S2T
0.5
4
1.5
V
195D155X_035V2T
0.5
6
2.2
X
195D225X_035X2T
0.8
6
3.3
Y
195D335X_035Y2T
1.2
6
4.7
Z
195D475X_035Z2T
1.6
6
6.8
Z
195D685X_035Z2T
2.4
6
10
Z
195D106X_035Z2T
3.5
6
15
R
195D156X_035R2T
5.3
6
22
R
195D226X_035R2T
7.7
6
50 WVDC AT + 85 °C, SURGE = 65 V . . . 33 WVDC AT + 125 °C, SURGE = 38 V
0.1
C
195D104X_050C2T
0.5
4
0.15
C
195D154X_050C2T
0.5
4
0.22
C
195D224X_050C2T
0.5
4
0.22
S
195D224X_050S2T
0.4
4
0.33
S
195D334X_050S2T
0.5
4
0.47
V
195D474X_050V2T
0.5
4
0.68
V
195D684X_050V2T
0.5
4
1.0
X
195D105X_050X2T
0.5
4
1.5
X
195D155X_050X2T
0.8
6
2.2
Y
195D225X_050Y2T
1.1
6
3.3
Z
195D335X_050Z2T
1.7
6
4.7
Z
195D475X_050Z2T
2.4
6
6.8
R
195D685X_050R2T
3.4
6
10
R
195D106X_050R2T
5.0
6
Note:
(1) For 10 % tolerance, specify “9“: for 20 % tolerance, change to “0“.


Similar Part No. - 195D335X_6R3S2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D335X-004C2T VISHAY-195D335X-004C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D335X_6R3S2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com