Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7386 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7386
Description  4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7386 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7386 Datasheet HTML 1Page - STMicroelectronics TDA7386 Datasheet HTML 2Page - STMicroelectronics TDA7386 Datasheet HTML 3Page - STMicroelectronics TDA7386 Datasheet HTML 4Page - STMicroelectronics TDA7386 Datasheet HTML 5Page - STMicroelectronics TDA7386 Datasheet HTML 6Page - STMicroelectronics TDA7386 Datasheet HTML 7Page - STMicroelectronics TDA7386 Datasheet HTML 8Page - STMicroelectronics TDA7386 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Figure 2: P.C.B. and component layout of the figure 1 (1:1 scale)
COMPONENTS &
TOP COPPER LAYER
BOTTOM COPPER LAYER
TDA7386
5/9


Similar Part No. - TDA7386

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
More results

Similar Description - TDA7386

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
   Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
logo
STMicroelectronics
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
   4 x 42W quad bridge car radio amplifier
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com