Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

138D147X0060T2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 138D147X0060T2
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D147X0060T2 Datasheet(HTML) 2 Page - Vishay Siliconix

  138D147X0060T2 Datasheet HTML 1Page - Vishay Siliconix 138D147X0060T2 Datasheet HTML 2Page - Vishay Siliconix 138D147X0060T2 Datasheet HTML 3Page - Vishay Siliconix 138D147X0060T2 Datasheet HTML 4Page - Vishay Siliconix 138D147X0060T2 Datasheet HTML 5Page - Vishay Siliconix 138D147X0060T2 Datasheet HTML 6Page - Vishay Siliconix 138D147X0060T2 Datasheet HTML 7Page - Vishay Siliconix 138D147X0060T2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
138D
Vishay
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors
Hermetically-Sealed with True Glass-to-Tantalum Seal
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 40025
18
Revision: 17-Mar-08
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
at
+ 25 °C
120 Hz
(
Ω)
MAX. IMP.
at
- 55 °C
120 Hz
(
Ω)
MAX. DCL (µA)
at
MAX. CAPACITANCE CHANGE (%)
at
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC at + 85 °C . . . 4 WVDC at + 125 °C
30
C
138D306X0006C2
4
100
1
2
- 40
+ 10.5
+ 12
68
C
138D686X0006C2
4
60
1
2
- 40
+ 14
+ 16
140
F
138D147X0006F2
2
40
1
3
- 40
+ 14
+ 16
270
F
138D277X0006F2
4
25
1
6.5
- 44
+ 17.5
+ 20
330
T
138D337X0006T2
2
20
2
7.9
- 44
+ 14
+ 16
560
T
138D567X0006T2
3
25
2
13
- 64
+ 17.5
+ 20
1200
K
138D128X0006K2
1.6
20
3
14
- 80
+ 25
+ 25
8 WVDC at + 85 °C . . . 5 WVDC at + 125 °C
25
C
138D256X0008C2
4
100
1
2
- 40
+ 10.5
+ 12
56
C
138D566X0008C2
4
59
1
2
- 40
+ 14
+ 16
220
F
138D227X0008F2
4
30
1
7
- 44
+ 17.5
+ 20
430
T
138D437X0008T2
3
25
2
14
- 64
+ 17.5
+ 20
850
K
138D857X0008K2
1
22
4
16
- 80
+ 25
+ 25
10 WVDC at + 85 °C . . . 7 WVDC at + 125 °C
20
C
138D206X0010C2
4
175
1
2
- 32
+ 10.5
+ 12
47
C
138D476X0010C2
5
100
1
2
- 36
+ 14
+ 16
100
F
138D107X0010F2
2
60
1
4
- 36
+ 14
+ 16
180
F
138D187X0010F2
4
40
1
7
- 36
+ 14
+ 16
250
T
138D257X0010T2
2
30
2
10
- 40
+ 14
+ 16
390
T
138D397X0010T2
3
25
2
16
- 64
+ 17.5
+ 20
750
K
138D757X0010K2
1
23
4
16
- 80
+ 25
+ 25
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C
15
C
138D156X0015C2
5
155
1
2
- 24
+ 10.5
+ 12
33
C
138D336X0015C2
5
90
1
2
- 28
+ 14
+ 16
70
F
138D706X0015F2
4
75
1
4
- 28
+ 14
+ 16
120
F
138D127X0015F2
4
50
1
7
- 28
+ 17.5
+ 20
170
T
138D177X0015T2
2
35
2
10
- 32
+ 14
+ 16
270
T
138D277X0015T2
3
30
2
16
- 56
+ 17.5
+ 20
540
K
138D547X0015K2
1.0
23
6
24
- 80
+ 25
+ 25
20 WVDC at + 85 °C . . . 13 WVDC at + 125 °C
27
C
138D276X0020C2
5
100
1
2
- 20
+ 11
+ 14
220
T
138D227X0020T2
4
30
2
16
- 48
+ 13
+ 15
25 WVDC at + 85 °C . . . 15 WVDC at + 125 °C
10
C
138D106X0025C2
6
220
1
2
- 16
+ 8
+ 9
22
C
138D226X0025C2
5
140
1
2
- 20
+ 10.5
+ 12
27
C
138D276X0025C2
4.3
110
2
9
- 35
+ 12
+ 15
50
F
138D506X0025F2
4
70
1
5
- 28
+ 13
+ 15
100
F
138D107X0025F2
4
50
1
10
- 28
+ 13
+ 15
180
T
138D187X0025T2
4
32
2
18
- 48
+ 13
+ 15
350
K
138D357X0025K2
1.3
24
7
28
- 70
+ 25
+ 25
30 WVDC at + 85 °C . . . 20 WVDC at + 125 °C
8.0
C
138D805X0030C2
7.5
275
1
2
- 16
+ 8
+ 12
15
C
138D156X0030C2
8
175
1
2
- 20
+ 10.5
+ 12
40
F
138D406X0030F2
4
65
1
5
- 24
+ 10.5
+ 12
100
T
138D107X0030T2
6
40
2
12
- 28
+ 10.5
+ 12
150
T
138D157X0030T2
2.5
35
2
16
- 48
+ 13
+ 15
300
K
138D307X0030K2
1.6
25
8
32
- 60
+ 25
+ 25
Note
(1) Part Numbers listed are for units with outer plastic-film insulation and a capacitance tolerance of ± 20 %. For bare case units, substitute “0”
for “2” at the end of the Part Number. For capacitors with ± 10 % tolerance, change the digit following the letter “X” to “9”. For RoHS compliant
add “E3“.


Similar Part No. - 138D147X0060T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D147X0006F2 VISHAY-138D147X0006F2 Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
More results

Similar Description - 138D147X0060T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com