Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215133479E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL215133479E3
Description  Aluminum Capacitors Radial Long-Life, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215133479E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL215133479E3 Datasheet HTML 1Page - Vishay Siliconix MAL215133479E3 Datasheet HTML 2Page - Vishay Siliconix MAL215133479E3 Datasheet HTML 3Page - Vishay Siliconix MAL215133479E3 Datasheet HTML 4Page - Vishay Siliconix MAL215133479E3 Datasheet HTML 5Page - Vishay Siliconix MAL215133479E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
151 RLH
Vishay
Aluminum Capacitors
Radial Long-Life, High Voltage
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28319
5
Revision: 27-May-08
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Table 4
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
8090
100
110
lifetime multiplier
(1)
Tamb (°C)
IA
IR
CCC206
I
A = actual ripple current at 100 Hz
I
R = rated ripple current at 100 Hz, 105 °C
useful life at 105 °C ain I
R applied
case Ø D = 10 and 12.5 mm: 3000 h
case Ø D = 16 and 18 mm: 4000 h
Fig. 3 Multilpier of useful life as a function of ambient temperature and ripple current load
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER
50
0.75
100
1.00
300
1.20
1000
1.35
3000
1.45
≥10 000
1.50
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.15
Tamb = 105 °C; UR applied;
2000 hours
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
case Ø D = 10 and 12.5 mm: 3000 hours;
case Ø D = 16 and 18 mm: 4000 hours
ΔC/C: ± 50 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1%
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ 2 x spec. limit


Similar Part No. - MAL215133479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215030101E3 VISHAY-MAL215030101E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030102E3 VISHAY-MAL215030102E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030152E3 VISHAY-MAL215030152E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030221E3 VISHAY-MAL215030221E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
MAL215030222E3 VISHAY-MAL215030222E3 Datasheet
115Kb / 8P
   Aluminum Capacitors Radial Miniature, Low Impedance
Revision: 29-Oct-07
More results

Similar Description - MAL215133479E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com