Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215379339E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MAL215379339E3
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215379339E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MAL215379339E3 Datasheet HTML 1Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 2Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 3Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 4Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 5Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 6Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 7Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 8Page - Vishay Siliconix MAL215379339E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
153 CRV
Vishay BCcomponents
Aluminum Capacitors
SMD (Chip) Long Life Vertical
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28388
52
Revision: 15-Oct-08
Table 2
MOUNTING
The capacitors are designed for automatic placement on to
printed-circuit boards.
Optimum dimensions of soldering pads depend amongst
others on soldering method, mounting accuracy, print layout
and/or adjacent components.
For recommended soldering pad dimensions, refer to Fig.3
and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature
versus time, where the temperature is that measured on the
soldering pad and on top of the case during processing.
For maximum conditions refer to Fig.4.
Maximum 2 runs with pause of minimum 30 min between.
Any temperature versus time curve which does not exceed
the specified maximum curves may be applied.
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION
SHALL
BE
THE
MINIMUM
NECESSARY
REQUIRED
TO
ENSURE GOOD SOLDERING CONNECTIONS. HOWEVER, THE
SPECIFIED
MAXIMUM
CURVES
SHOULD
NEVER
BE
EXCEEDED.
Table 3
DIMENSIONS in millimeters AND MASS
NOMINAL
CASE SIZE
Lx W x H
CASE
CODE
Lmax.
Wmax.
Hmax.
Ø D
Bmax.
S
MASS
(g)
4.0 x 4.0 x 5.3
0405
4.5
4.5
5.5
4.0
0.8
1.0
≈ 0.13
5.0 x 5.0 x 5.3
0505
5.5
5.5
5.5
5.0
0.8
1.4
≈ 0.20
6.3 x 6.3 x 5.3
0605
6.8
6.8
5.5
6.3
0.8
2.0
≈ 0.30
8.0 x 8.0 x 6.5
0807
8.6
8.6
6.8
8.0
0.8
2.3
≈ 0.50
8.0 x 8.0 x 10
0810
8.6
8.6
10.5
8.0
1.1
3.1
≈ 1.00
10 x 10 x 10
1010
10.6
10.6
10.5
10.0
1.1
4.7
≈ 1.30
10 x 10 x 12
1012
10.6
10.6
12.3
10.0
1.2
4.5
≈ 1.40
10 x 10 x 14
1014
10.6
10.6
14.3
10.0
1.2
4.5
≈ 1.50
Fig.3
Recommended soldering
pad dimensions
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE
a
b
c
0405
2.6
1.6
1.0
0505
3.0
1.6
1.4
0605
3.5
1.6
1.9
0807
4.0
1.6
2.1
0810
3.5
2.5
3.0
1010
4.0
2.5
4.0
1012
4.3
2.5
4.0
1014
4.3
2.5
4.0
0.4 ± 0.2
W B
S
0.3
max.
W
L
D
Fig.2 Dimensional outline


Similar Part No. - MAL215379339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215360109E3 VISHAY-MAL215360109E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360221E3 VISHAY-MAL215360221E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360229E3 VISHAY-MAL215360229E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360339E3 VISHAY-MAL215360339E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
MAL215360478E3 VISHAY-MAL215360478E3 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
More results

Similar Description - MAL215379339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV Datasheet
250Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 07-Nov-05
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com